Part Number Hot Search : 
XMT16 C100ELT P6KE56C 045SPBF RLZ11 2A330 0923171 40266
Product Description
Full Text Search
 

To Download 0194190007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0194190007 Active
mx150l_sealed_connector_system MX150LTM 2 Circuit Plug for 14-16 AWG Wire
Product Specification PS-19417-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR18689 E152602 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series MolexKits Overview Product Literature Order No Product Name Crimp Housings 19419 Yes mx150l_sealed_connector_system 987650-2181 MX150LTM
Physical
Circuits (maximum) Flammability Gender Glow-Wire Compliant Lock to Mating Part Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 2 94V-0 Male No Yes 1 Bag No 0.230 In 5.84 mm Yes No -40C to +125C
Search Parts in this Series 19419Series Mates With 19418 Receptacle Assemblies
Electrical
Current - Maximum per Contact 18A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-19417-001 PK-19419-001 PS-19417-001 SD-19419-002
Use With 19417 Male Crimp Terminals
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0194190007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X