Part Number Hot Search : 
25L4005 0D002X 364704 C100B 08500 NSR2N PC1602C LM337D2T
Product Description
Full Text Search
 

To Download STUP06I05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STUP06I - STUP5G4
VBR : 6.8 - 440 Volts PPK : 400 Watts
FEATURES :
* 400W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1A above 10V * Pb / RoHS Free
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMA (DO-214AC)
5.0 0.15
4.5 0.15
1.1 0.3
1.2 0.2 2.6 0.15 2.1 0.2
0.2 0.07
2.0 0.2
MECHANICAL DATA
* Case : SMA Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end except Bipolar. * Mounting position : Any * Weight : 0.064 grams
Dimensions in millimeter
DEVICES FOR BIPOLAR APPLICATIONS
For bi-directional altered the third letter of type from "U" to be "B". Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Power Dissipation at Ta = 25 C, Tp=1ms (Note1) Steady State Power Dissipation at TL = 75 C Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method)
(Note 3)
Symbol
PPK PD
Value
Minimum 400 1.0
Unit
W W
IFSM
40
A
Operating and Storage Temperature Range Note :
TJ, TSTG
- 55 to + 150
C
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 (2) Mounted on copper Lead area at 5.0 mm2 ( 0.013 mm thick ). (3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
Page 1 of 4
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) W orking Peak Reverse Voltage VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 Maximum Reverse Leakage @ VRWM IR (A) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 38.0 40.0 36.0 37.0 33.0 35.0 30.0 31.0 28.0 29.0 26.0 27.0 24.0 25.0 22.0 23.0 19.0 20.0 18.0 19.0 16.0 17.0 14.0 15.0 13.0 14.0 12.0 13.0 11.0 11.2 10.0 10.0 9.0 9.0 8.0 8.4 7.4 7.8 6.8 7.1 6.2 6.5 5.7 6.0 5.2 5.5 Maximum Clamping Voltage @ IRSM VRSM (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 Maximum Temperature Co-efficient of VBR (% / C) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
TYPE
VBR (V) Min. STUP06I STUP56I STUP07F STUP57F STUP08C STUP58C STUP09B STUP59B STUP010 STUP510 STUP011 STUP511 STUP012 STUP512 STUP013 STUP513 STUP015 STUP515 STUP016 STUP516 STUP018 STUP518 STUP020 STUP520 STUP022 STUP522 STUP024 STUP524 STUP027 STUP527 STUP030 STUP530 STUP033 STUP533 STUP036 STUP536 STUP039 STUP539 STUP043 STUP543 STUP047 STUP547 STUP051 STUP551 STUP056 STUP556 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 Max. 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 It (mA) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Page 2 of 4
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) W orking Peak Reverse Voltage VRWM (V) 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376 Maximum Reverse Leakage @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 4.7 5.0 4.3 4.6 3.9 4.1 3.6 3.7 3.2 3.4 2.9 3.1 2.7 2.8 2.4 2.5 2.2 2.3 2.0 2.0 1.8 1.9 1.7 1.8 1.6 1.7 1.5 1.53 1.16 1.22 1.11 1.16 0.93 0.97 0.79 0.83 0.70 0.73 0.95 1.00 Maximum Clamping Voltage @ IRSM VRSM (V) 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602 Maximum Temperature Co-efficient of VBR (% / C) 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
TYPE
VBR (V) Min. STUP062 STUP562 STUP068 STUP568 STUP075 STUP575 STUP082 STUP582 STUP091 STUP591 STUP0B0 STUP5B0 STUP0B1 STUP5B1 STUP0B2 STUP5B2 STUP0B3 STUP5B3 STUP0B5 STUP5B5 STUP0B6 STUP5B6 STUP0B7 STUP5B7 STUP0B8 STUP5B8 STUP0D0 STUP5D0 STUP0D2 STUP5D2 STUP0D5 STUP5D5 STUP0E0 STUP5E0 STUP0E5 STUP5E5 STUP0G0 STUP5G0 STUP0G4 STUP5G4 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 332 360 380 396 418 Max. 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 385 368 440 420 484 462 It (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Note: ( 1 ) VBR measured after It applied for 300 s., It = square wave pulse or equivalent. ( 2 ) VF = 3.5 Vmax., IF = 25 Amps. ( 6.8 Volts thru 91Volts ) VF = 5.0 Vmax., IF = 25 Amps. ( 100 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. ( 3 ) For Bipolar types moving VR of 10 Volts and under, the IR limit is doubled. ( 4 ) "STU" or "STB" will be omitted in marking on the diode.
Page 3 of 4
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( STUP06I - STUP5G4 )
FIG.1 - PULSE DERATING CURVE
120
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
60
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
100
PEAK FORWARD SURGE CURRENT, AMPERES
50
80
40
60
30
40
20
20 0 0 25 50 75 100 125 150 175
10 0 1
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 2 4 6 10 20 40 60 100
Ta, AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS)
1.00 100
FIG.4 - PULSE RATING CURVE
0.75
Pp,PEAK POWER (kW)
Single Phase Half Wave 60 Hz Resistive or Inductive load
10
0.50
1.0
0.25
0.1 0.1s 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100
tp, PULSE WIDTH
TL, LEAD TEMPERATURE (C)
FIG.5 - PULSE WAVEFORM PEAK PULSE CURRENT - % IRMS
Tr = 10s 100 Peak Value IRMS TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
50
Half Value - IRMS 2 10X1000 Waveform as defined by R.E.A. tp
0 0 1.0 2.0 3.0 4.0
T, TIME(ms)
Page 4 of 4
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of STUP06I05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X