Part Number Hot Search : 
BT162 SL4520BN G958T24U ECG106 AN1174 M51971L 15H63 23151
Product Description
Full Text Search
 

To Download SEL6910A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-1-1 Unicolor lamps
3 Round LEDs
SEL6010 Series (available as Direct Mount)
Part Number SEL6110R SEL6110S SEL6210R SEL6210S SEL6810A SEL6810D SEL6910A SEL6910D SEL6710K SEL6710Y SEL6410E SEL6410G SEL6510C SEL6510G SEL6E10C SELK6E10C-D SELK6E10C-2 SELU6910C-S Emitting Color Deep red Deep red Red Red Amber Amber Orange Orange Yellow Yellow Green Green Pure green Pure green Blue Lens Color Forward Voltage Luminous Intensity Peak Wavelength Dominant Wavelength Spectrum Half Bandwidth Iv P d Conditions Conditions Conditions Conditions Conditions VF (nm) (nm) (nm) IF (mA) (mcd) IF (mA) IF (mA) IF (mA) IF (mA) (V) TYP MAX TYP TYP TYP TYP 2.0 2.5 10 2.6 10 700 10 625 10 100 10 2.0 2.5 10 3.9 10 700 10 625 10 100 10 1.9 2.5 10 18 20 630 10 620 10 35 10 1.9 2.5 10 41 20 630 10 620 10 35 10 1.9 2.5 10 22 10 610 10 605 10 35 10 1.9 2.5 10 9.6 10 610 10 605 10 35 10 1.9 2.5 10 22 10 587 10 590 10 33 10 1.9 2.5 10 11 10 587 10 590 10 33 10 2.0 2.5 10 37 10 570 10 571 10 30 10 2.0 2.5 10 11 10 570 10 571 10 30 10 2.0 2.5 10 90 20 560 10 567 10 20 10 2.0 2.5 10 30 20 560 10 567 10 20 10 2.0 2.5 10 42 20 555 10 559 10 20 10 2.0 2.5 10 9.6 20 555 10 559 10 20 10 4.0 4.8 20 60 20 430 20 466 20 65 20 3.6 4.0 20 100 20 468 20 470 20 30 20 3.8 4.2 20 350 20 468 20 470 20 30 20 2.0 2.5 20 550 20 591 20 590 20 15 20 Chip Material GaP GaP GaAsP GaAsP GaAsP GaAsP GaAsP GaAsP GaP GaP GaP GaP GaP GaP GaN GaN on Si GaN on Si AlGaInP
Diffused red Transparent red Diffused red Transparent red Transparent orange Diffused orange Transparent orange Diffused orange Transparent yellow Diffused yellow Transparent green Diffused green Water clear Diffused green Water clear Blue Water clear High luminosity Blue Water clear Ultrahigh luminosity Orange Water clear
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Dimensional Tolerance: 0.3
4.4
23.0min 5.50.5 (1.7) 3.50.1
0 30 60 30 60
0 30 60 30 60
Resin heap 0.8max
0.65max 0.450.1
o3.10.1
1.0min
50
0
50
50
0
50
Cathode
90 100%
90 100%
90 100%
90 100%
(2.54)
3.5
Diffused lens
Transparent lens
0.80.2 4.00.2
Product Mass: Approx. 0.13 g
0.40.1
LEDs
227
5-1 Visible Light LEDs
Absolute Maximum Ratings
Visible Light Unicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C Ratings GaP GaAsP 75 30 -0.45 100 3 -30 to +85 -30 to +100 5 -30 to +80 70 GaAlAs AlGaInP InGaN 120 25C or higher f=1kHz, tw100 s GaN Conditions
Visible Light Bicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C GaP GaAsP 75 Ratings GaAlAs 30 -0.45 100 4 -30 to +85 -30 to +100 5 AlGaInP InGaN 120 Conditions Same conditions for simultaneous lighting 25C or higher f=1kHz, tw100 s
Visible Light Unicolor Surface Mount LEDs
Parameter IF IF IFP VR Top Tstg Unit mA mA/C mA V C C Ratings GaP GaAsP 30 -0.45 100*1 3 -30 to +85 -30 to +100 5 -30 to +80 *1: 70mA for SEC1005/1007 Series *2: 50mA for SEC1005/1007 Series GaAlAs AlGaInP InGaN 20 -0.27 70*2 GaN Conditions
25C or higher f=1kHz, tw100 s
Visible Light Bicolor Surface Mount LEDs
Ratings Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C SEC2002/2004 75 (Same conditions for simultaneous lighting) 30 -0.45 70 4 -30 to +85 -30 to +100 Conditions
25C or higher f=1kHz, tw100 s
Visible Light Three Element Surface Mount LEDs
Parameter Unit Red PD IF IF IFP VR Top Tstg mW mA mA/C mA V C C 75 30 -0.45 70 5 -30 to +80 -30 to +100 50 Ratings SECT3M02C-S Green/Blue 120 When one chip lights up (same as green/blue for simultaneous lighting) 25C or higher f=1kHz, tw100 s Conditions
218
LEDs


▲Up To Search▲   

 
Price & Availability of SEL6910A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X