Part Number Hot Search : 
P8505 DL5405 LT1270A 1S2836 DV16230 XXXXZ 5947C 2N301
Product Description
Full Text Search
 

To Download SECU1403C-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-1-3 Unicolor surface mount
3.0 x 1.5 Surface Mount LEDs (Inner Lens Type)
SEC1003 Series
Part Number SEC1603C SEC1203C SEC1803C SEC1903C SEC1703C SEC1403C SEC1403E-TG SEC1503C SECU1703C SECU1403C-S SECU1403C-TG SECS1203C SECS1803C SECS1903C Emitting Color High luminosity red Red Amber Orange Yellow Green Deep green Pure green Yellow High Green luminosity Green Red Ultrahigh luminosity Amber Orange Lens Color Water clear Water clear Water clear Water clear Water clear Water clear Transparent green Water clear Water clear Water clear Water clear Water clear Water clear Water clear Forward Voltage Luminous Intensity Peak Wavelength Dominant Wavelength Spectrum Half Bandwidth Iv P d Conditions Conditions Conditions Conditions Conditions VF (nm) (nm) (nm) (mcd) IF (mA) IF (mA) IF (mA) IF (mA) IF (mA) (V) TYP MAX TYP TYP TYP TYP 1.7 2.2 10 35 20 660 10 642 10 30 10 1.9 2.5 10 15 20 630 10 620 10 35 10 1.9 2.5 10 20 20 610 10 605 10 35 10 1.9 2.5 10 15 20 587 10 590 10 33 10 2.0 2.5 10 35 20 570 10 571 10 30 10 2.0 2.5 10 33 20 560 10 567 10 20 10 2.0 2.5 10 15 20 558 10 564 10 20 10 2.0 2.5 10 10 20 555 10 559 10 20 10 2.1 2.5 20 70 20 572 20 571 20 15 20 2.1 2.5 20 40 20 562 20 562 20 12 20 2.1 2.5 20 75 20 564 20 564 20 12 20 1.9 2.5 20 100 20 635 20 625 20 15 20 1.9 2.5 3 10 3 615 3 607 20 15 3 1.9 2.5 20 70 20 590 20 590 20 15 20 Chip Material GaAlAs GaAsP GaAsP GaAsP GaP GaP GaP GaP AlGaInP AlGaInP AlGaInP AlGaInP AlGaInP AlGaInP
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Dimensional Tolerance: 0.3
0 30 60 30 60
o1.0
1.5
Cathode mark
1.4 0.9
Cathode (0.5)
0.6
1.3
3.0
2.0
1.7
90 100%
50
0
50
90 100%
Lens
Resin
P.C.B. Anode
Product Mass: Approx. 0.008 g
254
LEDs
1.6
5-1 Visible Light LEDs
Absolute Maximum Ratings
Visible Light Unicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C Ratings GaP GaAsP 75 30 -0.45 100 3 -30 to +85 -30 to +100 5 -30 to +80 70 GaAlAs AlGaInP InGaN 120 25C or higher f=1kHz, tw100 s GaN Conditions
Visible Light Bicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C GaP GaAsP 75 Ratings GaAlAs 30 -0.45 100 4 -30 to +85 -30 to +100 5 AlGaInP InGaN 120 Conditions Same conditions for simultaneous lighting 25C or higher f=1kHz, tw100 s
Visible Light Unicolor Surface Mount LEDs
Parameter IF IF IFP VR Top Tstg Unit mA mA/C mA V C C Ratings GaP GaAsP 30 -0.45 100*1 3 -30 to +85 -30 to +100 5 -30 to +80 *1: 70mA for SEC1005/1007 Series *2: 50mA for SEC1005/1007 Series GaAlAs AlGaInP InGaN 20 -0.27 70*2 GaN Conditions
25C or higher f=1kHz, tw100 s
Visible Light Bicolor Surface Mount LEDs
Ratings Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C SEC2002/2004 75 (Same conditions for simultaneous lighting) 30 -0.45 70 4 -30 to +85 -30 to +100 Conditions
25C or higher f=1kHz, tw100 s
Visible Light Three Element Surface Mount LEDs
Parameter Unit Red PD IF IF IFP VR Top Tstg mW mA mA/C mA V C C 75 30 -0.45 70 5 -30 to +80 -30 to +100 50 Ratings SECT3M02C-S Green/Blue 120 When one chip lights up (same as green/blue for simultaneous lighting) 25C or higher f=1kHz, tw100 s Conditions
218
LEDs


▲Up To Search▲   

 
Price & Availability of SECU1403C-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X