Part Number Hot Search : 
VCO3072 RFLA1018 AGM2412C KJ04EXR STK40 WSD520 B4050 28000
Product Description
Full Text Search
 

To Download SD-112038-5003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
1120925003 Active
devicenet_industrial_networks BradControlTM Class 60mm 8 Port IO module, 12 Inputs/4 Outputs, M23 with the additional terminal block at the back of the module
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series E200650 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series IP Rating Mechanical Shock Overview Product Name Protocol Style Industrial I/O Modules 112092 IP67 10G, 11ms, 3 AXIS devicenet_industrial_networks HarshIO DeviceNet* DeviceNet* Classic
Physical
Bus Input Bus Output Housing Width I/O Connector I/O Signal Mix Ports Power Input Power Output Temperature Range - Operating Vibration 17-pole (M23) 17-pole (M23) 60.00mm (2.362") 5-pole Micro-Change(R) (M12) 12 input / 4 output 8 17-pole (M23) 17-pole (M23) -20C to +70C IEC 60068-2-6 Conformance
Search Parts in this Series 112092Series
Electrical
Current - Maximum per Contact EMC Input Delay Input Device Supply Input Type 1A per channel IEC 61000-6-2 3 ms 140 mA per port at 25C PNP or Dry Contact
Material Info
Old Part Number TCDDN-8B4P-KKU-T
Reference - Drawing Numbers
Sales Drawing SD-112038-5003, TCDDN-8B4P-KKU
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number TCDPB-8B4P-KKU-T TCDDN-8B4P-KKU-T
Description IO:Profibus:IP67:60MM:M12:8P:12DI/4DO:PM23T IO:DeviceNet:IP67:60MM:M12:8P:12DI/4DO:PM23T
REVISION:
ECR/ECN INFORMATION: EC No: NA DATE: 2010 / 02 / 02
TITLE:
A
IO Block IP67 60MM M12 8 Ports with M23 connection and Terminal Connector
CHECKED BY:
SHEET No.
1 of 1
DOCUMENT NUMBER:
CREATED / REVISED BY:
APPROVED BY:
SD-112038-5003
SZOUTARD
SMENARD
SZOUTARD
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
INTRODUCTION
I/O Systems for Harsh Environments BradControlTM Classic 60mm I/O modules for DeviceNetTMprovide a reliable solution for connecting industrial controllers to I/O devices in harsh environments. Contained in a 60mm wide housing rated for IP67 environments, BradControl I/O modules can be machine mounted and are able to withstand areas where liquids, dust or vibration may be present. This makes them ideally suited for many applications including robotics, material handling equipment and automated assembly machinery. To facilitate input and output device wiring BradControl Classic 60mm I/O modules accept standard threaded M12 connectors or BradConnectivityTM Ultra-LockTM connection system, a "push-to-lock" method that provides a fast, simple and secure connection between the I/O module and I/O devices. With the BradConnectivity Ultra-Lock connection system, performance and reliability are designed right into the connector! The unique radial seal design provides a reliable, operator independent seal each and every time. There's no chance for under - or over-tightening. When you hear and feel the connector click, you know it's locked in - there's no guesswork. Built-in diagnostic tools include the highly visible LEDs which provide maintenance personnel with the ability to easily determine I/O, module and network status.
Brad(R) Harsh IO 623sDN
112092 IP67 IO 8 port M23 112092 IP67 IO 8 port M23T
FEATURES AND BENEFITS
Classic design allows space savings for direct machine mount applications I/O connetions made using standard M12 threaded or BradConnectivityTM Ultra-LockTM connection system providing secure and reliable connections Standard hole pattern allows for interchangeability with popular I/O modules Visible diagnostic through status LEDs funcionality Module and channel diagnostics supported
APPLICATIONS
Typical applications: Machine tool industry Material handling systems Steel industry
TECHNICAL DESCRIPTION
LED Indicators
DeviceNetTM Network Status (NET):
allocated network error network error Off - auto bauding
Brad(R) Harsh IO 623sDN
I/O Module Diagnostics (MOD):
I/O moduel OK
Input / Output
112092 IP67 IO 8 port M23 112092 IP67 IO 8 port M23T
Output Power (UL):
SPECIFICATIONS
I/O Configurations 12 inputs/4 outputs I/O Connectors Micro-ChangeTM 5-pole M12 female BradConnectivityTM Ultra-LockTM, internally threaded
channels per conenctor
Input Type Compatible with dry contact and PNP 3-wire switches Electronic short circuit protection Input Device Supply Output Load Current
Electronic short circuit protection 200 Hz
Operating Temperature
Storage Temperature
5 to 95% non-condensing
Bus and Power Connectors M23 male in 17-pole, power in, bus in M23 female out 17-pole, power out, bus out
EMC IEC 61000-6-2 Protection IP67 according to IEC 60529 Vibration IEC 60068-6-2 conformance Shock
Housing Dimensions 60mm x 197mm x 30.5mm (2.36x 7.75 x 1.20 inches) Mounting Dimensions 42mm (1.65 inches) horizontal on centers 210mm (7.36 inches) vertical on centers I/O Data Polled, Cyclic, COS, Bit Strobe
24 Vdc, device current + module Output power max per module 125, 250, 500 Kbaud 0-63 using rotary switches or software
100 000 hours CE, UL, CUL
ORDERING INFORMATION Part Number
TCDDN-8B4P-KKU TCDDN-8B4P-KKU-T
Product Description
IO, IP67, 60mm, 8 Ports, 12 Inputs/4 outputs, M23 IO, IP67, 60mm, 8 Ports, 12 Inputs/4 outputs, M23T
Order No.
1120925002 1120925003
www.molex.com
Europe: Milan-Italy: +39 02 6642961
Lincolnshire-IL: + 1-800-225-7724 Waterloo-Canada +1 (905) 624-6518
Shanghai-China: +86 21-5835-9885 Nagoya-Japan: +81 3 5791 4621
Reference Number: XXXXXXX
Europe: 2009.02
(c) 2009 Molex


▲Up To Search▲   

 
Price & Availability of SD-112038-5003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X