Part Number Hot Search : 
FJN3302R 39513 W1250 KTA1042L RM200 RM200 MAX2424 NTD30
Product Description
Full Text Search
 

To Download RMG20FTF10K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
RMG20 TO-220 Power Resistors
TO-220 Power Resistors
Power Resistors (TO-220 RMG20) Deliver Thermal Efficiency
Preview Providing design engineers with superior heat dissipation in a standard industry-recognised package, Token Electronics has introduced a TO220-style power resistor using a highly reliable, economical copper thick film. The RMG20 Series, designed by Token, are rugged resistors feature noninductive performance and low thermal resistance, making them ideal for a variety of industrial applications such as power supplies, industrial controls and automotive, where cost effective performance and reliability are paramount. The non-noble copper ink construction of the RMG20 Series resistor makes it an efficient alternative to other thick film leaded power resistors while maintaining the excellent thermal conductivity and heat dissipation necessary for demanding power applications. With low resistance values at higher power ratings, Token's proprietary resistor element ensures design engineers the highest quality noninductive performance in an efficient package. Operating temperatures range from -65C to +150C. Constructed with proprietary thick-film copper conductors and alloy resistors on an alumina ceramic substrate, the RMG20 Series resistor features low thermal impedance for high power dissipation. Contact us with your specific needs. Features - Molded Case for Protection and Easy to Mount. - 20 Watt at 25C Case Temperature Heat Sink Mounted. - Isolated Case, Non Inductive, TO-220 Style Power Package. Applications - VHF Amplifiers, Snubber Circuits, Voltage Regulation, Load Resistor for Pulse Generators, High Speed Switching Power Supplies.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 03
TOKEN
Dimensions (Unit: mm)
RMG20 TO-220 Power Resistors
T
W
D1
H B1 T1 B D C
T2
Type RMG20
W 10.15~10.67
H
T
T1
T2
B
B1
C
D
D1 1.14~1.40
16.00~16.52 2.92~3.44 0.40~0.60 1.52~2.04 11.43~13.97 2.54~4.06 4.82~5.34 0.66~0.86
Electrical Characteristics Specifications Resistance Range 0.05~1 2~5 Resistance Tolerance 5.00% 10.0% 1.00% 5.00% 10.0% 1.00% 5.00% 10.0% 0.50% 1.00% 5.00% 10.0% TCR(PPM/C) 200 100 200 50 100 200
5~10
11~10K
Note: Operating Voltage:350V Max. Dielectric Strength: 1800VAC. Insulation Resistance: 10Gmin. Working Temperature Range:-65C to +150C. Resistance Value < 1 is Available
Power Derating Curve Derating Curve
100
Rated Power (%)
80 60 40 20 0 0 20 50 75 100 125 150 175
Case Temperature (C)
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Environmental Characteristics Test Item Temperature Coefficient of Resistance Short Time Overload Load Life Humidity (Steady State) Thermal Shock Terminal Strength Vibration, High Frequency
RMG20 Power Resistors
Specification Test Method 10 and above, 50ppm/C Referenced to 25C, R taken at +105C 1 and 10, (100ppm)/C 2 times rated power with applied voltage not to exceed R0.3% 1.5 times maximum continuous operating voltage for 5 seconds. R1.0% MIL-R-39009,2,000 hours at rated power. MIL-STD-202F, Method 103B R0.5% 40C, 90~95%RH, RCWV 1.5hours ON, 0.5hours OFF. total 1000~1048 hours. MIL-STD-202, Method 107G. R0.3% -65C~150C,100 cycle R0.2% MIL-STD-202, Method 211, Cond.A(Pull Test) 2.4N. R0.2% MIL-STD-202, Method 204, Cond.D.
Note:1.Lead Material: Tinned Copper. 2.Without a Heat Sink, when in Free Air at 25C, the RMG20 is Rated for 2.25W. 3.The Case Temperature is to be used for the Definition of the Applied Power Limit. 4.The Case Temperature Measurement Must be Made with a Thermocouple Contacting the Center of the Component Mounted on the Designed Heat Sink. 5.Thermal Grease Should be Applied Properly.
How to Order
RMG
20
J
P
D TCR
Code
10R
TCR
Part Number: TO-220 Power Resistors Power Rating Resistance Tolerance
Code D F G J K Resistance Tolerance 0.5% 1% 2% 5% 10% Packaging Tube Bulk
D
E F -
50PPM/C 100PPM/C 200PPM/C No specified
Resistance 0.1 10
Resistance
Code 0R1 10R 1K 10K
Packaging
Code T P
1K 10K
Back to 1st Page - TO-220 Power Resistors (RMG20)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of RMG20FTF10K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X