Part Number Hot Search : 
S1206 NE5105D LC7366 S1206 SK1852 IRG4C SDH50UF LA5623M
Product Description
Full Text Search
 

To Download PBIH-1248G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OPEN FRAME & ENCLOSED
PBIH Series
1 5 - 1 5 0 W AT T S D C / D C S I N G L E O U T P U T
Features
* * * * * * Wide selection of models 4 input voltage ranges High efficiency Low output ripple Proven reliability Good thermal margins
Specifications
INPUT
Input voltage 12VDC (9.2-16) 24VDC (19-32) 48VDC (38-63) 110VDC (85-140) 20A max. for 110V only
OPERATING
Efficiency
Safety isolation (1 minute)
70%-89%
Type - 12, 24, 48V input Input - Output: 1500VAC Input- Case: 1500VAC Output- Case: 500VAC Type- 110V input Input- Output: 2000VAC Input- Case: 2000VAC Output- Case: 500VAC 50M (500VDC) Input - Case Consult sales office for details PBIH-R Series: Open link: output normal Short link: output off
Inrush current
OUTPUT
Output voltage Voltage adjustment Output current Ripple & noise Line regulation Load regulation Temperature coefficient Overvoltage protection See table 10%, 5% for PBIH-F See table Output Volts x 1% + 50mV to -100mV pk-pk 0.8% over input range 0.9%, 0%-100% load 0C to 50C, 0.03% per C O.V. clamp, PBIH-F Output shutdown, PBIH-G, J, M, R - input must be switched off for at least 30S to reactivate Fold back - PBIH-F Current limiting, PBIH-G, J, M, R (PBIH-R series is adjustable); PBIH110xxR models are not adjustable Output V x 0.5% + 15(mV) per 8 hrs after 1 hr warm-up 200mS max. - PBIH-F, M, R 100mS max. - PBIH-G, J (at 25C) 10mS (only 110V input) PBIH-R Series only Insulation resistance Parallel operation Remote control
ENVIRONMENTAL
Operating temperature Cooling Storage temperature Humidity Shock Vibration 0C to 50C full load Convection cooled -20C to +85C 85% 30G, PBIH-F, G and J (5Hz-10Hz, 10mm), (10Hz-50Hz) 2G, PBIH-F, G and J
Overcurrent protection
Drift Rise Time Holdup time Remote sense
STANDARDS AND APPROVALS
Safety C-tick Designed to UL1950 AS/NZS CISPR11 Group 1, Class A
MECHANICAL
Weight PBIH-F : 250g PBIH-G : 380g PBIH-J : 410g PBIH-M : 800g PBIH-R : 1.4kg
106
OPEN FRAME & ENCLOSED
PBIH Series
1 5 - 1 5 0 W AT T S D C / D C S I N G L E O U T P U T
Selection Table
MODEL NUMBER PBIH-1205F PBIH-1212F PBIH-1215F PBIH-1224F PBIH-2405F PBIH-2412F PBIH-2415F PBIH-2424F PBIH-4805F PBIH-4812F PBIH-4815F PBIH-4824F PBIH-11005F PBIH-11012F PBIH-11015F PBIH-11024F PBIH-1205G PBIH-1212G PBIH-1215G PBIH-1224G PBIH-1248G PBIH-2405G PBIH-2412G PBIH-2415G PBIH-2424G PBIH-2448G PBIH-4805G PBIH-4812G PBIH-4815G PBIH-4824G PBIH-4848G INPUT 9.2-16V 9.2-16V 9.2-16V 9.2-16V 19-32V 19-32V 19-32V 19-32V 38-63V 38-63V 38-63V 38-63V 85-140V 85-140V 85-140V 85-140V 9.2-16V 9.2-16V 9.2-16V 9.2-16V 9.2-16V 19-32V 19-32V 19-32V 19-32V 19-32V 38-63V 38-63V 38-63V 38-63V 38-63V OUTPUT 5V 12V 15V 24V 5V 12V 15V 24V 5V 12V 15V 24V 5V 12V 15V 24V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 3A 1.2A 1A 0.62A 3A 1.2A 1A 0.62A 3A 1.2A 1A 0.62A 3A 1.2A 1A 0.62A 5A 2.1A 1.7A 1.1A 0.5A 5A 2.1A 1.7A 1.1A 0.5A 5A 2.1A 1.7A 1.1A 0.5A 5A OUTPUT POWER 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W MODEL NUMBER INPUT OUTPUT 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 2.1A 1.7A 1.1A 0.5A OUTPUT POWER 25W 25W 25W 25W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 100W 100W 100W 100W 100W 100W 100W 100W MODEL NUMBER PBIH-2424M PBIH-2448M PBIH-4805M PBIH-4812M PBIH-4815M PBIH-4824M PBIH-4848M INPUT 19-32V 19-32V 38-63V 38-63V 38-63V 38-63V 38-63V OUTPUT 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5A 2A 20A 9A 7A 5A 2A 20A 9A 7A 5A 2A 27A 13A 10A 6.5A 3.3A 30A 14A 11A 7A 3.5A 30A 14A 11A 7A 3.5A 30A 14A 11A 7A 3.5A OUTPUT POWER 100W 100W 100W 100W 100W 100W 100W 100W 100W 100W 100W 100W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W 150W PBIH-11012G 85-140V PBIH-11015G 85-140V PBIH-11024G 85-140V PBIH-11048G 85-140V PBIH-1205J PBIH-1212J PBIH-1215J PBIH-1224J PBIH-1248J PBIH-2405J PBIH-2412J PBIH-2415J PBIH-2424J PBIH-2448J PBIH-4805J PBIH-4812J PBIH-4815J PBIH-4824J PBIH-4848J PBIH-11005J PBIH-11012J PBIH-11015J PBIH-11024J PBIH-11048J PBIH-1205M PBIH-1212M PBIH-1215M PBIH-1224M PBIH-1248M PBIH-2405M PBIH-2412M PBIH-2415M 9.2-16V 9.2-16V 9.2-16V 9.2-16V 9.2-16V 19-32V 19-32V 19-32V 19-32V 19-32V 38-63V 38-63V 38-63V 38-63V 38-63V 85-140V 85-140V 85-140V 85-140V 85-140V 9.2-16V 9.2-16V 9.2-16V 9.2-16V 9.2-16V 19-32V 19-32V 19-32V
8A
3.3A 2.7A 1.7A 0.8A 10A 4.3A 3.4A 2.5A 1A 10A 4.3A 3.4A 2.5A 1A 10A 4.3A 3.4A 2.5A 1A 18A 9A 7A 4.5A 2A 20A 9A 7A
PBIH-11005M 85-140V PBIH-11012M 85-140V PBIH-11015M 85-140V PBIH-11024M 85-140V PBIH-11048M 85-140V PBIH-1205R PBIH-1212R PBIH-1215R PBIH-1224R PBIH-1248R PBIH-2405R PBIH-2412R PBIH-2415R PBIH-2424R PBIH-2448R PBIH-4805R PBIH-4812R PBIH-4815R PBIH-4824R PBIH-4848R PBIH-11005R PBIH-11012R PBIH-11015R PBIH-11024R PBIH-11048R 9.2-16V 9.2-16V 9.2-16V 9.2-16V 9.2-16V 19-32V 19-32V 19-32V 19-32V 19-32V 38-63V 38-63V 38-63V 38-63V 38-63V 85-140V 85-140V 85-140V 85-140V 85-140V
PBIH-11005G 85-140V
PBIH-F
Your dependable power partner - www.powerbox.com.au
107
OPEN FRAME & ENCLOSED
PBIH Series
1 5 - 1 5 0 W AT T S S I N G L E O U T P U T
PBIH-G
Terminal
Connection
0 1 2 3 4 5 6 7
FG DC +V in 0V in LFG NO NO -V out +V out
PBIH-J
Terminal
Connection
1 2 3 4 5 6 7
FG DC +V in 0V in LFG -V out +V out NC
PBIH-M
Terminal Connection
1 2 3 4 5 6 7
+V out +V out -V out -V out FG -V in +V in
PBIH-R
Terminal Connection
1, 2 3 4 5, 6 7 8 9 10
+V out +S -S -V out Remote Control DC +V in DC 0V in FG
108


▲Up To Search▲   

 
Price & Availability of PBIH-1248G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X