Part Number Hot Search : 
CLR2010 4HYGF IRFD121 LTC1798 X2321 TF206G BZV55C IRFD121
Product Description
Full Text Search
 

To Download MMSZ5221BS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5221BS - MMSZ5259BS
SURFACE MOUNT ZENER DIODE
Please click here to visit our online spice models database.
Features
* * * * * Planar Die Construction Ultra-Small Surface Mount Package General Purpose Ideally Suited for Automated Assembly Processes Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 3 and 4)
Mechanical Data
* * * * * * * * Case: SOD-323 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: Cathode Band Marking Information: See Page 4 Ordering Information: See Page 4 Weight: 0.004 grams (approximate)
Top View
Maximum Ratings
Forward Voltage (Note 2)
@TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Value 0.9 Unit V
Characteristic
Thermal Characteristics
Characteristic Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Symbol PD RJA TJ, TSTG
Value 200 625 -65 to +150
Unit mW C/W C
Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration pulse test used to minimize self-heating effect. No purposefully added lead. Halogen and Antimony Free. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
MMSZ5221BS -MMSZ5259BS
Document number: DS31038 Rev. 12 - 2
1 of 4 www.diodes.com
June 2008
(c) Diodes Incorporated
MMSZ5221BS - MMSZ5259BS Electrical Characteristics
Type Number Marking Code Nom (V) MMSZ5221BS MMSZ5223BS MMSZ5225BS MMSZ5226BS MMSZ5227BS MMSZ5228BS MMSZ5229BS MMSZ5230BS MMSZ5231BS MMSZ5232BS MMSZ5233BS MMSZ5234BS MMSZ5235BS MMSZ5236BS MMSZ5237BS MMSZ5238BS MMSZ5239BS MMSZ5240BS MMSZ5241BS MMSZ5242BS MMSZ5243BS MMSZ5245BS MMSZ5246BS MMSZ5248BS MMSZ5250BS MMSZ5251BS MMSZ5252BS MMSZ5254BS MMSZ5255BS MMSZ5256BS MMSZ5257BS MMSZ5258BS MMSZ5259BS
Notes:
@TA = 25C unless otherwise specified Test Current IZT Max (V) 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 30 30 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 Maximum Zener Impedance (Note 6) ZZT @ IZT 1200 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 ZZK @ IZK = 0.25mA Maximum Reverse Leakage Current (Note 5) IR A 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 @ VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
Zener Voltage Range (Note 5) VZ @ IZT Min (V) 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.4 7 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05
C1 C3 C5 G1 G2 G3 G4 G5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39
5. Short duration pulse test used to minimize self-heating effect. 6. f = 1KHz.
MMSZ5221BS -MMSZ5259BS
Document number: DS31038 Rev. 12 - 2
2 of 4 www.diodes.com
June 2008
(c) Diodes Incorporated
MMSZ5221BS - MMSZ5259BS
0.4
50
PD , POWER DISSIPATION (W)
40
0.3
IZ, ZENER CURRENT (mA)
0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derated Curve
Tj = 25C 10 12
30
0.2
20
0.1
10
0
150
0 0 3 4 5 6 8 9 10 7 VZ, ZENER VOLTAGE (V) Fig. 2 Typical Zener Breakdown Characteristics 1 2
30
1,000
f = 1MHz
CT, TOTAL CAPACITANCE (pF)
IZ, ZENER CURRENT (mA)
0V BIAS
20
Test current IZ
15
Nominal Zener Voltage
100
18
10
22 27 33 36 39
10
0 0 10 20 30 40 VZ, ZENER VOLTAGE (V) Fig. 3 Typical Zener Breakdown Characteristics
1 10 100 VZ, NOMINAL ZENER VOLTAGE (V) Fig. 4 Typical Total Capacitance vs. Nominal Zener Voltage 1
1,000
ZZ, ZENER IMPEDANCE ()
100
10
1 1 10 100 VZ, ZENER VOLTAGE (V) Fig. 5 Typical Zener Impedance Characteristics
MMSZ5221BS -MMSZ5259BS
Document number: DS31038 Rev. 12 - 2
3 of 4 www.diodes.com
June 2008
(c) Diodes Incorporated
MMSZ5221BS - MMSZ5259BS Ordering Information
Part Number (Type Number)-7-F (Note 7) Case SOD-323 Packaging 3000/Tape & Reel
* Add "-7" to the appropriate type number in Electrical Characteristics Table . Example: 6.2V Zener = MMSZ5234BS-7-F. Notes: 7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX
XX = Product Type Marking Code (See Electrical Characteristics Table)
Package Outline Dimensions
C H
B
A
M L
K
J
SOD-323 Dim Min Max A 0.25 0.35 B 1.20 1.40 C 2.30 2.70 H 1.60 1.80 J 0.00 0.10 K 1.0 1.1 L 0.20 0.40 M 0.10 0.15 0 8 All Dimensions in mm
Suggested Pad Layout
C
X
Dimensions Value (in mm) Z 3.75 G 1.05 X 0.65 Y 1.35 C 2.40
Y G Z
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
MMSZ5221BS -MMSZ5259BS
Document number: DS31038 Rev. 12 - 2
4 of 4 www.diodes.com
June 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMSZ5221BS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X