Part Number Hot Search : 
2771H STA42 SM104 ACT10 SD1020YS P6KE39 12250 KK4502BD
Product Description
Full Text Search
 

To Download MMBZ15VAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBZ5V6AL - MMBZ33VAL
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Features
* * * * * * * Dual TVS in Common Anode Configuration 24W/40W Peak Power Dissipation Rating @ 1.0ms (Unidirectional) 225 mW Power Dissipation Ideally Suited for Automated Insertion Low Leakage Lead, Halogen, and Antimony Free/RoHS Compliant (Note 5) "Green" Device (Note 6)
Mechanical Data
* * * * * * * * * * Case: SOT-23 Case Material: Molded Plastic "Green" Molding Compound. UL Flammability Classification 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). ESD Rating Exceeding 16kV per the Human Body Model (Note 4) Marking Information: See Page 4 Ordering Information: See Page 4 Weight: 0.008 grams (approximate)
Top View
Device Schematic
Maximum Ratings
Peak Power Dissipation Peak Power Dissipation
@TA = 25C unless otherwise specified Characteristic MMBZ5V6AL - MMBZ10VAL MMBZ15VAL - MMBZ33VAL (Note 2) (Note 2) Symbol Ppk Ppk Value 24 40 Unit W W
Thermal Characteristics
Characteristic Power Dissipation Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range (Note 1) (Note 1) Symbol PD RJA TJ, TSTG Value 225 556 -65 to +150 Unit mW C/W C
Electrical Characteristics
@TA = 25C unless otherwise specified
24 Watt (VF = 0.9V max @ IF = 10mA)
Type Number MMBZ5V6AL Marking Code K9A VRWM Volts 3 IR @ VRWM (Note 3) A 5.0 Breakdown Voltage VBR (Note 3) (V) Min 5.32 Nom 5.6 Max 5.88 @ IT mA 20 VC @ IPP (Note 2) VC V 8.0 IPP A 3.0 Typical Temperature Coefficient TC (mV/C) 1.8
24 Watt (VF = 0.9V max @ IF = 10mA)
Type Number MMBZ6V2AL MMBZ6V8AL MMBZ9V1AL MMBZ10VAL
Notes:
Marking Code K9B K9C K9D K9E
VRWM Volts 3.0 4.5 6.0 6.5
IR @ VRWM (Note 3) A 0.5 0.5 0.3 0.3
Breakdown Voltage VBR (Note 3) (V) Min 5.89 6.46 8.65 9.50 Nom 6.2 6.8 9.1 10 Max 6.51 7.14 9.56 10.5 @ IT mA 1.0 1.0 1.0 1.0
VC @ IPP (Note 2) VC V 8.7 9.6 14 14.2 IPP A 2.76 2.5 1.7 1.7
Typical Temperature Coefficient TC (%/C) +0.04 +0.045 +0.065 +0.065
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes Inc. suggested pad layout AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 200mW per element must not be exceeded. 2. Non-repetitive current pulse per Figure 2 and derate above TA = 25C per Figure 1. 3. Short duration pulse test used to minimize self-heating effect. 4. MMBZ5V6AL and MMBZ15VAL exceed 16kV ESD rating, all other voltages exceed 8kV ESD rating. 5. No purposefully added lead. Halogen and Antimony Free. 6. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 13 - 2
1 of 5 www.diodes.com
February 2010
(c) Diodes Incorporated
MMBZ5V6AL - MMBZ33VAL Electrical Characteristics (Continued) @TA = 25C unless otherwise specified
40 Watt (VF = 0.9V max @ IF = 10mA)
Type Number MMBZ15VAL MMBZ18VAL MMBZ20VAL MMBZ27VAL MMBZ33VAL Marking Code K9K K9L K9N K9Q K9T VRWM Volts 12 14.5 17 22 26 IR @ VRWM (Note 3) nA 50 50 50 50 50 Breakdown Voltage VBR (Note 3) (V) Min 14.25 17.10 19.00 25.65 31.35 Nom 15 18 20 27 33 Max 15.75 18.90 21.00 28.35 34.65 @ IT mA 1.0 1.0 1.0 1.0 1.0 VC @ IPP (Note 2) VC V 21 25 28 40 46 IPP A 1.9 1.6 1.4 1.0 0.87 Typical Temperature Coefficient TC (%/C) +0.080 +0.090 +0.090 +0.090 +0.090
100
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
75
50
25
10 X 1000 Waveform as defined by R.E.A.
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Pulse Derating Curve
IPP, PEAK PULSE CURRENT (%Ipp)
t, TIME (ms) Fig. 2 Pulse Waveform
f = 1MHz
f = 1MHz
C, CAPACITANCE (pF)
C, CAPACITANCE (pF)
MMBZ5V6AL
MMBZ15VAL
MMBZ27VAL
BIAS (V) Fig. 3 Typical Capacitance vs. Bias Voltage (Lower curve is Bidirectional mode, Upper curve is Unidirectional mode)
BIAS (V) Fig. 4 Typical Capacitance vs. Bias Voltage (Lower curve is Bidirectional mode, Upper curve is Unidirectional mode)
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 13 - 2
2 of 5 www.diodes.com
February 2010
(c) Diodes Incorporated
MMBZ5V6AL - MMBZ33VAL
300
100
T J = 25C
PD, POWER DISSIPATION (mW)
250
Ppk, PEAK PULSE POWER (W)
Bidirectional Non repetitive pulse waveform (Rectangular)
200
10
Unidirectional
150
FR-5 Board
100
1.0
50
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE Fig. 5 Steady State Power Derating Curve
0.1 0.1
1.0
10 100 1,000 PULSE WIDTH (ms) Fig. 6 Pulse Rating Curve, Ppk (W) vs. Pulse Width (ms)
10,000
Power is defined as Ppk = VC x Ipp
100
TJ = 25C
Ppk (NOM), PEAK PULSE POWER (W)
Bidirectional
Non repetitive pulse waveform (Rectangular)
10
Unidirectional
1.0
0.1 0.1
1.0
10 100 1,000 PULSE WIDTH (ms) Fig. 7 Pulse Rating Curve, Ppk (NOM) (W) vs. Pulse Width (ms)
10,000
Power is defined as Ppk(NOM) = VZ(NOM) x Ipp where VZ(NOM) is the nominal Zener voltage measured at the low test current used for voltage classification
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 13 - 2
3 of 5 www.diodes.com
February 2010
(c) Diodes Incorporated
MMBZ5V6AL - MMBZ33VAL Ordering Information
Part Number (Type Number)-7*-F
* Example: 5.6V type = MMBZ5V6AL-7-F. Notes: 7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 7) Case SOT-23 Packaging 3000/Tape & Reel
Marking Information
xxx = Product type marking code, See Electrical Characteristics Table, Pages 1 & 2 YM = Date Code Marking Y = Year (ex: T = 2006) M = Month (ex: 9 = September)
xxx
Date Code Key Year Code Month Code
2006 T Jan 1
2007 U Feb 2 Mar 3
2008 V Apr 4
2009 W May 5
YM
2010 X Jun 6
2011 Y Jul 7
2012 Z Aug 8 Sep 9
2013 A Oct O
2014 B Nov N
2015 C Dec D
Package Outline Dimensions
A
BC
H K D J F G L M
K1
SOT-23 Dim Min Max Typ A 0.37 0.51 0.40 B 1.20 1.40 1.30 C 2.30 2.50 2.40 D 0.89 1.03 0.915 F 0.45 0.60 0.535 G 1.78 2.05 1.83 H 2.80 3.00 2.90 J 0.013 0.10 0.05 K 0.903 1.10 1.00 K1 0.400 L 0.45 0.61 0.55 M 0.085 0.18 0.11 0 8 All Dimensions in mm
Suggested Pad Layout
Y Z
C
Dimensions Value (in mm) Z 2.9 X 0.8 Y 0.9 C 2.0 E 1.35
X
E
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 13 - 2
4 of 5 www.diodes.com
February 2010
(c) Diodes Incorporated
MMBZ5V6AL - MMBZ33VAL
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2009, Diodes Incorporated www.diodes.com
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 13 - 2
5 of 5 www.diodes.com
February 2010
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMBZ15VAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X