Part Number Hot Search : 
AP4959GM AP4959GM N4100CHS LTC015 LTC015 BU5281G CGY2105 050V3C
Product Description
Full Text Search
 

To Download LM79M05AJX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM79M05AHX LM79M05AJX
MECHANICAL DATA
8 .8 9 (0 .3 5 ) 9 .4 0 (0 .3 7 ) 7 .7 5 (0 .3 0 5 ) 8 .5 1 (0 .3 3 5 )
5 VOLT NEGATIVE VOLTAGE REGULATOR
5 .0 8 (0 .2 0 0 ) ty p .
4 .1 9 (0 .1 6 5 ) 4 .9 5 (0 .1 9 5 )
0 .6 6 (0 .0 2 6 ) 1 .1 4 (0 .0 4 5 )
0 .8 9 m a x . (0 .0 3 5 ) 7 .7 5 (0 .3 0 5 ) 8 .5 1 (0 .3 3 5 ) d ia . 0 .7 1 (0 .0 2 8 ) 0 .8 6 (0 .0 3 4 )
!
2 .5 4 (0 .1 0 0 )
FEATURES
* 0.01%/V LINE REGULATION
1 2 .7 0 (0 .5 0 0 ) m in .
45
* 0.3%/A LOAD REGULATION * THERMAL OVERLOAD PROTECTION
H Package - TO-39 Metal
Pin 1 = Ground
0.45 7 0 .102 (0 .0 18 0.00 4)
Pin 2 = Vout
Pin 3 = Vin
* SHORT CIRCUIT PROTECTION * SAFE OPERATING AREA PROTECTION
8
5
* 2% OUTPUT VOLTAGE TOLERANCE
1
4
1.42 2 0.102 (0 . 056 0.00 4)
DESCRIPTION
7.899 (0.311)
4 .013 0.4 06 (0.1 58 0.016)
10.287 0 .5 08 (0.4 05 0 .0 20)
7.239 0.305 (0.285 0.012)
1.52 4 (0.060) Ma x. 0 .38 1 (0.01 5) Min .
8.255 0 .6 35 (0 .3 25 0.025 )
5 .08 (0.2 00) Ma x.
The LM79M05AH and LM79M05AJ are 5V negative 0.5A Voltage Regulators providing 0.01% per Volt Line Regulation and 0.3% per amp load regulation.
Protection includes safe operating Area current limiting and thermal.
4 .064 (0.1 60) Min.
0.914 (0.036) 2.54 (0.100)
0.27 9 0 .0 51 (0 .011 0.002) 3.68 3 0.508 (0.1 45 0.020) 9.525 0 .635 (0.3 75 0.0 25) 2 to 1 3 REF
* Lead Thickness for tin plate finish only. Solder dip finish adds 2 to 10 mil thickness to all lead tip dimensions.
J Package = 8 Pin Ceramic DIP
Pin 1 = Ground Pin 2 = N/C Pin 3 = N/C Pin 4 = Vout Pin 5 = N/C Pin 6 = Vin Pin 7 = N/C Pin 8 = N/C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VI PD Tj Tstg TL Semelab plc. DC Input Voltage VO = -5V Power Dissipation Operating Junction Temperature Range Maximum Junction Temperature Storage Temperature Range Lead Temperature (Soldering, 10 sec)
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
35V Internally limited -55C to +125C 125C -65C to +150C 300C
1/01
LM79M05AHX LM79M05AJX
ELECTRICAL CHARACTERISTICS (Tj = 25C unless stated)
Parameter VO Output Voltage* Test Conditions IO = 100mA IO = 5mA to 350mA Tj = -55 to +125C IO = 500mA VIN = -10V PD PMAX Min. - 4.9 - 4.8 Typ. -5 Max. - 5.1 - 5.2 100 (VIN = -7 to -25V) 50 (VIN = -8 to -12V) VIN = -10V VIN = -10V VIN = -10V 100 3 0.5 1.3 (VIN = -8 to -12V) 100 IO = 500mA 54 60 (VIN = -10) 1.4 2.1 2.5 -0.4 mV mA mA mA mV Unit V
(VIN = -8 to -20V)
DVO Line Regulation*
IO = 500mA
DVO Load Regulation*
Id Quiescent Current*
IO = 5mA to 500mA IO = 350mA IO = 5 to 500 mA Tj = -55 to +125C IO = 500mA Tj = -55 to +125C f = 10Hz to 100kHz f = 120Hz Tj = -55 to +125C IO = 500mA VIN = -10V VIN = -10V IO = 5mA
DIQ Quiescent Current Change*
VN Output Noise Voltage
mV
dB V A A mV / C
DVIN Ripple Rejection DVO
Dropout Voltage* ISC IPK Short Circuit Current* Peak Output Current* Average Temperature
Coefficient of Output Voltage* Tj = -55 to +125C * Pulse Test: tp 10ms , d 5%.
All characteristics are measured with a capacitor across the input of 0.22mF and a capacitor across the output of 0.1mF. Output Voltage changes due to changes in internal temperature must be taken into account separately. Although power dissipation is internally limited, these specifications apply for up to 2W for the TO-39 package, and 1.05W for the CERDIP (J package).
THERMAL DATA
RTHj-case RTHj-amb Thermal Resistance Junction - Case Thermal Resistance Junction - Ambient Derate above 25C TO-39 (H Package) CERDIP (J Package) CERDIP (J Package) 20C / W Typ. 120C / W Typ. 8.4 mW / C
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
1/01


▲Up To Search▲   

 
Price & Availability of LM79M05AJX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X