Part Number Hot Search : 
MAX1853 SB630 DMN3200U SR5100 IRFF110 SM130M ML4830 D200R
Product Description
Full Text Search
 

To Download KBPC310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC3005 THRU KBPC310
Reverse Voltage - 50 to 1000 Volts
SINGLE PHASE SILICON BRIDGE RECTIFIER
Forward Current - 3.0 Ampere
FEATURES

KBPC3
Diffused Junction Surge overload rating: 50A peak
MECHANICAL DATA
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Terminals: Plated leads solderable per MIL-STD 202, method 208 Mounting Position: Any Marking: Type Number
Dim ensions in inches and (m ilim eters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TC = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg Peak Reverse Current At Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) (Note 2) Typical Junction Capacitance (Note 3) Typical Thermal Resistance per leg (Note 1) Operating and Storage Temperature Range R @IF = 1.5A @TA = 25C @TA = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2t Cj
JC
KBPC KBPC KBPC KBPC KBPC KBPC KBPC 3005 301 302 304 306 308 310 50 35 100 70 200 140 400 280 3.0 50 1.1 5.0 500 10 25 10 -65 to +125 600 420 800 560 1000 700
Unit
V V A A V A A 2s pF C/W C
Tj, TSTG
Note: 1. Mounted on metal chassis. 2. Non-repetitive, for t > 1ms and < 8.3ms. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
KBPC3005 THRU KBPC310
RATINGS AND CHARACTERISTIC CURVES
IAVE, AVERAGE FORWARD OUTPUT CURRENT (A)
3.0
10
Resistive or Inductive load
Mounted on Metal chassis
IFSM, FORWARD CURRENT (A)
2.0
Mounted on PC Board
1.0
1.0
0.1
Tj = 25C
0
25
0.01
50 75 100 125 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
Pulse width = 300s
0 0.4 0.8 1.6 1.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
50 40 30
Single half sine-wave JEDEC method
IR, INSTANTANEOUS REVERSE CURRENT (A)
60
IF, PEAK FORWARD SURGE CURRENT (A)
TC = 50C
10
Tj = 100C
1.0
20 10 0 1.0 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
0.1
Tj = 25C
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 4 Typical Reverse Characteristics, per element


▲Up To Search▲   

 
Price & Availability of KBPC310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X