Part Number Hot Search : 
PSD751S HMC43206 NTE0505M M1101 1N4687 MAA4868K D5N50 FBR610
Product Description
Full Text Search
 

To Download IPP048N06LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPP048N06L G
IPB048N06L G
OptiMOSTM Power-Transistor
Features * For fast switching converters and sync. rectification * N-channel enhancement - logic level * 175 C operating temperature * Avalanche rated * Pb-free lead plating, RoHS compliant * Halogen-free according to IEC61249-2-21
Product Summary V DS R DS(on),max ID
SMDversion
60 4.4 100
V m A
Type
IPP048N06L
IPB048N06L
Package Marking
P-TO220-3-1 048N06L
P-TO263-3-2 048N06L
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C1) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage
Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1) 2)
Value 100 100 400 810 6 20
Unit A
I D,pulse E AS dv /dt
T C=25 C2) I D=100 A, R GS=25 I D=100 A, V DS=48 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V
W C
V GS
P tot T j, T stg T C=25 C
300 -55 ... 175 55/175/56
Current is limited by bondwire; with an RthJC=0.5 the chip is able to carry 161A See figure 3
Rev. 1.15
page 1
2010-01-13
IPP048N06L G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=1 mA V GS(th) V DS=V GS, I D=270 A V DS=60 V, V GS=0 V, T j=25 C V DS=60 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=100 A V GS=4.5 V, I D=66 A V GS=10 V, I D=100 A, SMD version V GS=4.5 V, I D=66A, SMD version Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=100 A 92 60 1.2 1.6 Values typ.
IPB048N06L G
Unit max.
0.5 62 40
K/W
2
V
Zero gate voltage drain current
I DSS
-
0.01
1
A
-
1 10 3.7 4.4 3.4
100 100 4.7 5.7 4.4 nA m
4.1 1.9 183
5.4 S
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.15
page 2
2010-01-13
IPP048N06L G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 4) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode
Diode continous forward current Diode pulse current IS T C=25 C I S,pulse V GS=0 V, I F=100 A, T j=25 C -
IPB048N06L G
Unit max.
Values typ.
C iss C oss C rss t d(on) tr t d(off) tf V DD=30 V, V GS=4.5 V, I D=100 A, R G=1.3 V GS=0 V, V DS=30 V, f =1 MHz
-
5700 1500 350 18 25 98 24
7600 2000 525 27 38 150 36
pF
ns
Q gs Q g(th) Q gd Q sw Qg V plateau Q oss V DD=30 V, V GS=0 V V DD=30 V, I D=100 A, V GS=0 to 10 V
-
20 9.1 54 64 169 3.5 47
26 12 81 95 225 63
nC
V
100 400
A
Diode forward voltage
V SD
-
0.93
1.3
V
Reverse recovery time Reverse recovery charge
4)
t rr Q rr
V R=30 V, I F=I S, di F/dt =100 A/s
-
65 125
80 160
ns nC
See figure 16 for gate charge parameter definition
Rev. 1.15
page 3
2010-01-13
IPP048N06L G
1 Power dissipation P tot=f(T C); V GS6 V 2 Drain current I D=f(T C); V GS10 V
IPB048N06L G
350
120
300
100
250 80
P tot [W]
200
I D [A]
150 100 50 0 0 50 100 150 200
60
40
20
0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
100
limited by on-state resistance
1 s 10 s 0.5
10
2
100 s DC 1 ms
10-1
0.2
Z thJC [K/W]
I D [A]
10 ms
0.1
10
1
0.05
10-2 100
0.02
0.01 single pulse
10-1 10
-1
10-3 10
0
10
1
10
2
10-6
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.15
page 4
2010-01-13
IPP048N06L G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
240
5V 5.5 V 10V 4.5 V
IPB048N06L G
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
10
3.5 V
200
4V
8
4V
160
R DS(on) [m]
6
4.5 V
I D [A]
120
3.5 V
4
6V
5.5 V
5V 10 V
80
2 40
3V
0 0 1 2 3
0 0 40 80 120 160 200
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
200 180 160 140
8 Typ. forward transconductance g fs=f(I D); T j=25 C
240
200
160 120 100 80 60 40 20 0 0 1 2 3 4 0 0 40 80 120 160 200
175 C
g fs [S]
25 C
I D [A]
120
80
40
V GS [V]
I D [A]
Rev. 1.15
page 5
2010-01-13
IPP048N06L G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=100 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
12 2.5
IPB048N06L G
10 2
2700 A
8
R DS(on) [m]
V GS(th) [V]
1.5
270 A
6
98 %
typ
1
4
2
0.5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
105
25 C 98%
175 C 98%
10 104
Ciss
2
25 C 175 C
C [pF]
I F [A]
Coss
101
103
Crss
100
102 0 10 20 30 40 50
10-1 0 0.5 1 1.5 2 2.5
V DS [V]
V SD [V]
Rev. 1.15
page 6
2010-01-13
IPP048N06L G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
103
IPB048N06L G
14 Typ. gate charge V GS=f(Q gate); I D=100 A pulsed parameter: V DD
12
30 V
10
12V 48 V
102
100 C
25 C
8
V GS [V]
103
I AV [A]
6
150 C
101
4
2
100 100 101 102
0 0 40 80 120 160 200
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
75
V GS
Qg
70
V BR(DSS) [V]
65
60
V g s(th)
55
Q g(th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q g ate
50
T j [C]
Rev. 1.15
page 7
2010-01-13
IPP048N06L G
PG-TO-263 (D-Pak)
IPB048N06L G
Rev. 1.15
page 8
2010-01-13
IPP048N06L G
PG-TO220-3: Outline
IPB048N06L G
Rev. 1.15
page 9
2010-01-13
IPP048N06L G
IPB048N06L G
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.15
page 10
2010-01-13


▲Up To Search▲   

 
Price & Availability of IPP048N06LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X