Part Number Hot Search : 
IRLS540A B39A1 STBB2 NTV1209M G23AS2 120M1T 7B3641 FC15539
Product Description
Full Text Search
 

To Download FKBP210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TH97/2478
TH09/2479
IATF 0060636 SGS TH07/1033
FKBP200 - FKBP210
PRV : 50 - 1000 Volts Io : 2.0 Amperes
FEATURES :
* * * * * * * * High case dielectric strength of 2000 VDC High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency Ideal for printed circuit board Pb / RoHS Free
FAST RECOVERY BRIDGE RECTIFIERS
KBP
0.59 (14.9) 0.57 (14.5) 0.448 (11.4) 0.433 (11.0) 3
+
AC AC
0.0307 (0.78) 0.0303 (0.77) 0.696 (17.7) MIN. 0.150 (3.82) 0.148 (3.78) 0.151 (3.85 ) 0.147 (3.75)
MECHANICAL DATA :
* Case : Molded plastic * Epoxy : UL94V-0 rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 3.4 grams
0.051 (1.30) 0.043 (1.10)
Dimensions in inches and ( millimeter )
Rating at 25 C ambient temperature unless otherwise specified . Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 50 C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage drop per Diode at IF = 1.0 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV) IFSM
2 It
FKBP FKBP FKBP FKBP FKBP FKBP FKBP 200 201 202 204 206 208 210
UNIT
V V V
A A A2S V
50 35 50
100 70 100
200 140 200
400 280 400
2.0 35 10 1.3 10 500
600 420 600
800 560 800
1000 700 1000
VF IR IR(H) Trr RJA TJ TSTG
150
A A
250 500 ns
Maximum Reverse Recovery Time (Note 1)
30 - 50 to + 150 - 50 to + 150
C/W C C
Notes : F 1 ) Measured with I = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp. 2 ) Thermal resistance from Junction to Ambient on P.C. Board with, 0.47" X 0.47" ( 12 mm. x 12 mm. ) Cu. pads.
Page 1 of 2
Rev. 03 : June 11, 2009
TH97/2478
TH09/2479
IATF 0060636 SGS TH07/1033
RATING AND CHARACTERISTIC CURVES ( FKBP200 - FKBP210 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 A Trr
+
D.U.T. 50 Vdc (approx) 1
PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 )
0 - 0.25 A
- 1.0 A
SET TIME BASE FOR 50/100 ns/cm
NOTES :
1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
2.5 50
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
Tc = 50 C 40
2.0
1.5
30
1.0
20
0.5 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
10
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C) FIG.4 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100 10 Pulse Width = 300 s 2% Duty Cycle TJ = 25 C 10
NUMBER OF CYCLES AT 60Hz FIG.5 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
TJ = 100 C
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
1.0
1.0
0.1 TJ = 25 C
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 03 : June 11, 2009


▲Up To Search▲   

 
Price & Availability of FKBP210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X