Part Number Hot Search : 
D54N40 CZRB5932 2SC42 2SC42 2SC42 AR7646 SC162 B751S
Product Description
Full Text Search
 

To Download DMN601TK-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DMN601TK
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Please click here to visit our online spice models database.
Features
* * * * * * * * Low On-Resistance: RDS(ON) Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage Lead Free By Design/RoHS Compliant (Note 2) ESD Protected Up To 2kV "Green" Device (Note 4)
Mechanical Data
* * * * * * * *
SOT-523
Drain
Case: SOT-523 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Finish Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.002 grams (approximate)
D
Gate
ESD Protected up to 2kV
TOP VIEW
Gate Protection Source Diode EQUIVALENT CIRCUIT
G
S
TOP VIEW Pin Out Configuration
Maximum Ratings
Drain-Source Voltage Gate-Source Voltage Drain Current (Note 1)
@TA = 25C unless otherwise specified Characteristic Symbol VDSS VGSS Continuous Pulsed (Note 3) ID Value 60 20 300 800 Units V V mA
Thermal Characteristics
@TA = 25C unless otherwise specified Symbol PD RJA TJ, TSTG Value 150 833 -65 to +150 Units mW C/W C
Characteristic Total Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 5) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Source Leakage ON CHARACTERISTICS (Note 5) Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transfer Admittance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance
Notes: 1. 2. 3. 4. 5.
@TA = 25C unless otherwise specified Symbol BVDSS IDSS IGSS VGS(th) RDS (ON) |Yfs| Ciss Coss Crss Min 60 1.0 80 Typ 1.6 Max 1.0 10 2.5 2.0 3.0 50 25 5.0 Unit V A A V ms pF pF pF Test Condition VGS = 0V, ID = 10A VDS = 60V, VGS = 0V VGS = 20V, VDS = 0V VDS = 10V, ID = 1mA VGS = 10V, ID = 0.5A VGS = 5V, ID = 0.05A VDS =10V, ID = 0.2A VDS = 25V, VGS = 0V f = 1.0MHz
Device mounted on FR-4 PCB. No purposefully added lead. Pulse width 10S, Duty Cycle 1% Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Short duration pulse test used to minimize self-heating effect.
DMN601TK
Document number: DS30654 Rev. 5 - 2
1 of 4 www.diodes.com
March 2009
(c) Diodes Incorporated
DMN601TK
ID, DRAIN CURRENT (A)
VGS = 10V 8V 6V 5V 4V 3V
10V
8V 6V 5V
1.0 0.8
0.6 0.4
4V
0.2 0 0
3V
1 2 3 4 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 Typical Output Characteristics
5
VGS, GATE-SOURCE VOLTAGE (V) Fig. 2 Typical Transfer Characteristics
10
2
VDS = 10V ID = 1mA
1.5
1
RDS(ON), STATIC DRAIN-SOURCE ON-RESISTANCE ()
Pulsed
1
0.5
0 -50
-25 75 100 125 0 25 50 Tch, CHANNEL TEMPERATURE (C) Fig. 3 Gate Threshold Voltage vs. Channel Temperature
150
0.1 ID, DRAIN CURRENT (A) Fig. 4 Static Drain-Source On-Resistance vs. Drain Current
10
RDS(ON), STATIC DRAIN-SOURCE ON-RESISTANCE ()
RDS(ON), STATIC DRAIN-SOURCE ON-RESISTANCE () 0
1 ID, DRAIN CURRENT (A) Fig. 5 Static Drain-Source On-Resistance vs. Drain Current
VGS, GATE SOURCE VOLTAGE (V) Fig. 6 Static Drain-Source On-Resistance vs. Gate-Source Voltage
DMN601TK
Document number: DS30654 Rev. 5 - 2
2 of 4 www.diodes.com
March 2009
(c) Diodes Incorporated
DMN601TK
RDS(ON), STATIC DRAIN-SOURCE ON-STATE RESISTANCE ()
IDR, REVERSE DRAIN CURRENT (A)
VGS = 10V Pulsed
ID = 300mA
VGS = 0V Pulsed
TA = 150 C
TA = 125 C TA = 85 C TA = 25 C
ID = 150mA
T A = 0C TA = -25C
TA = -55C
0 TCH, CHANNEL TEMPERATURE (C) Fig. 7 Static Drain-Source On-State Resistance vs. Channel Temperature
|Yfs|, FORWARD TRANSFER ADMITTANCE (S)
VGS = 10V
IDR, REVERSE DRAIN CURRENT (A)
VGS = 10V Pulsed TA = 25C TA = 150C TA = -55C
TA= 25C Pulsed
TA = 85C
VGS = 0V
1
ID, DRAIN CURRENT (A) Fig.10 Forward Transfer Admittance vs. Drain Current
1
Ordering Information
Part Number DMN601TK-7
Notes:
(Note 6) Case SOT-523 Packaging 3000/Tape & Reel
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K7K = Product Type Marking Code YM = Date Code Marking Y = Year (ex: S = 2005) M = Month (ex: 9 = September)
K7K
YM
Date Code Key Year Code Month Code
2005 S Jan 1 Feb 2
2006 T Mar 3
2007 U Apr 4 May 5
2008 V Jun 6
2009 W Jul 7 Aug 8
2010 X Sep 9
2011 Y Oct O Nov N
2012 Z Dec D March 2009
(c) Diodes Incorporated
DMN601TK
Document number: DS30654 Rev. 5 - 2
3 of 4 www.diodes.com
DMN601TK
Package Outline Dimensions
A
BC
G H K M
N
J
D
L
SOT-523 Dim Min Max Typ A 0.15 0.30 0.22 B 0.75 0.85 0.80 C 1.45 1.75 1.60 D 0.50 G 0.90 1.10 1.00 H 1.50 1.70 1.60 J 0.00 0.10 0.05 K 0.60 0.80 0.75 L 0.10 0.30 0.22 M 0.10 0.20 0.12 N 0.45 0.65 0.50 0 8 All Dimensions in mm
Suggested Pad Layout
Y
Z
C
Dimensions Value (in mm) Z 1.8 X 0.4 Y 0.51 C 1.3 E 0.7
X
E
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DMN601TK
Document number: DS30654 Rev. 5 - 2
4 of 4 www.diodes.com
March 2009
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DMN601TK-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X