Part Number Hot Search : 
BAS116 2SD2104 T7001335 ENA1028A AT28C256 KBU1010 FSA2621M DG441DJZ
Product Description
Full Text Search
 

To Download DFLU1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DFLU1200
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER PowerDI a123 Features
* * * * * * * * * * * * * *
Glass Passivated Die Construction Super-Fast Recovery Time for High Efficiency Patented Interlocking Clip Design for High Surge Current Capacity Lead Free Finish, RoHS Compliant (Note 2) "Green" Molding Compound (No Br, Sb) Qualified to AEC-Q101 Standards for High Reliability
A D H
PowerDIa123 Dim A B C
B
Min 3.50 2.60 1.63 0.93 0.85 0.15 0.45 -- -- -- 0.90
Max 3.90 3.00 1.93 1.00 1.25 0.25 0.85 -- -- -- 1.30
Typ 3.70 2.80 1.78 0.98 1.00 0.20 0.65 1.35 1.10 0.20 1.05
Mechanical Data
Case: PowerDI 123 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: Cathode Band Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 e3 Marking & Type Code Information: See Last Page Ordering Information: See Last Page Weight: 0.01 grams (approximate)
E L4 C
D E
E
a
H L L1 L2 L3 L4
L
L1
L
L2 L3 A
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage (Note 5) RMS Reverse Voltage Average Rectified Output Current (see figure 4) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage (Note 5) Reverse Recovery Time (Note 4) Typical Total Capacitance (f = 1MHz, VR = 4VDC) @ IF = 0.6A @ IF = 1.0A @ TA = 25C @ TA = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr CT
TA = 25C unless otherwise specified
Value 200 140 1.0 30 0.90 0.98 5.0 200 25 27
Unit V V A A V mA ns pF
Thermal Characteristics
Characteristic Power Dissipation (Note 1) @ TA = 25C Thermal Resistance Junction to Soldering Point (Note 3) Thermal Resistance Junction to Ambient (Note 1) @TA = 25C Thermal Resistance Junction to Ambient (Note 6) @TA = 25C Operating and Storage Temperature Range
Notes: 1. 2. 3. 4. 5. 6.
Symbol PD RqJS RqJA RqJA Tj, TSTG
Typ 3/4 3/4 116 182 -65 to +150
Max 1.0 6 3/4 3/4
Unit W C/W C/W C/W C
Device mounted on 1" x 1", Polymide PCB; 2 oz. Cu pad layout as shown on Diodes Inc. suggested pad layout document AP02001.pdf. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7. Theoretical RqJS calculated from the top center of the die straight down to the PCB cathode tab solder junction. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 7. Short duration pulse test to minimize self-heating effect. Device mounted on FR-4 PCB, 2 oz. Copper, minimum recommended pad layout pattern per http://www.diodes.com/datasheets/ap02001.pdf
DS30601 Rev. 3 - 2
PowerDI is a trademark of Diodes Incorporated.
1 of 3 www.diodes.com
DFLU1200
a Diodes Incorporated
10
100
Tj = 150 C
Tj = 150 C
IF, INSTANTANEOUS FORWARD CURRENT (A)
1
Tj = 75 C
10
1
0.1
Tj = 125 C Tj = 25 C
Tj = 125 C
0.1
Tj = 75 C
0.01
0.01
Tj = -65 C
Tj = 25 C
0.001
0.001 0.0001
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
Tj = -65 C
0.0001
0
40
80
120
160
200
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
50 f = 1MHz
VR, REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics 1.25
CT, TOTAL CAPACITANCE (pF)
IF, DC FORWARD CURRENT (A)
40
1.0
Note 1
30
0.75
20
0.5
Note 6
10
0.25
0 0 5 10 15 20 25 30 VR, REVERSE VOLTAGE(V) Fig. 3 Typical Total Capacitance
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 4 DC Forward Current Derating 250
2
IPK
Note 2
PF(AV), AVERAGE FORWARD POWER DISSIPATION (W)
IAV
VR, DC REVERSE VOLTAGE (V)
= 1 (DC)
200
1.5
150
1
100
0.5
50
0
0 0 0.4 0.8 1.2 1.6 2.0 0 50 100 150 200 IF(AV), AVERAGE FORWARD CURRENT (A) Fig. 5 Forward Power Dissipation
TA, DERATED AMBIENT TEMPERATURE (C) Fig. 6 Operating Temperature Derating
DS30601 Rev. 3 - 2
PowerDI is a trademark of Diodes Incorporated.
2 of 3 www.diodes.com
DFLU1200
trr +0.5A
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
Oscilloscope (Note 1)
(+)
-1.0A Set time base for 50/100 ns/cm
Fig. 7 Reverse Recovery Time Characteristic and Test Circuit
Ordering Information
Device DFLU1200-7
Notes:
(Note 7) Marking Code F15 Packaging PowerDIa123 Shipping 3000/Tape & Reel
7. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
F15 = Product Type Marking Code (See Table Above) YM = Date Code Marking Y = Year (ex: S = 2005) M = Month (ex: 9 = September)
F15
Date Code Key Year Code Month Code 2005 S Jan 1 2006 T Feb 2 March 3 2007 U
YM
2008 V Apr 4 May 5 Jun 6
2009 W Jul 7 Aug 8
2010 X Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30601 Rev. 3 - 2
PowerDI is a trademark of Diodes Incorporated.
3 of 3 www.diodes.com
DFLU1200


▲Up To Search▲   

 
Price & Availability of DFLU1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X