Part Number Hot Search : 
250BZI 2SA815 FU9310 041BH SC241 5L380 VR40X AKD4691
Product Description
Full Text Search
 

To Download DDTC143ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R1 = R2 SERIES) CA
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
Features
* * * * Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1 = R2 Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 2 and 3) SOT-23
A
Dim A B C D
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
TOP VIEW
B
C
Mechanical Data
* * * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Marking Code: See Table Below & Page 4 Ordering Information: See Page 4 Weight: 0.008 grams (approximate) P/N DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA R1, R2 (NOM) Type Code 2.2K N04 4.7K N08 10K N13 N17 22K N20 47K N24 100K
E D G H K J L
E G H
M
J K L M
OUT 3
C B R1 R2
All Dimensions in mm
IN B
1
3
C OUT
E
1 IN
2 GND(0)
GND (0)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@TA = 25C unless otherwise specified Symbol VCC DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA All Value 50 -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 100 100 50 30 30 20 100 200 625 -55 to +150 Unit V
Characteristic
2
E
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range
Notes: 1. 2. 3.
IC (Max) PD
mA mW C/W C
(Note 1)
RJA TJ, TSTG
Mounted on FR4 PC Board with recommended pad layout as shown on Diodes Inc., suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf No purposefully added lead. Halogen and Antimony Free. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30329 Rev. 9 - 2
1 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) CA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic
@TA = 25C unless otherwise specified Symbol Vl(off) Min 0.5 Typ 1.1 Max Unit Test Condition VCC = 5V, IO = 100A VO = 0.3V, IO = 20mA, DDTC123ECA VO = 0.3V, IO = 20mA, DDTC143ECA VO = 0.3V, IO = 10mA, DDTC114ECA VO = 0.3V, IO = 5mA, DDTC124ECA VO = 0.3V, IO = 2mA, DDTC144ECA VO = 0.3V, IO = 1mA, DDTC115ECA IO/Il =10mA/0.5mA, DDTC123ECA IO/Il =10mA/0.5mA, DDTC143ECA IO/Il =10mA/0.5mA, DDTC114ECA IO/Il =10mA/0.5mA, DDTC124ECA IO/Il =10mA/0.5mA, DDTC144ECA IO/Il =5mA/0.25mA, DDTC115ECA
Input Voltage Vl(on) 1.9 3
V
Output Voltage
VO(on)
0.1
0.3
V
Input Current
DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA
Il
3.8 1.8 0.88 0.36 0.18 0.15 0.5
mA VI = 5V
Output Current DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA
IO(off)
20 20 30 56 68 82 -30 0.8
A
VCC = 50V, VI = 0V VO = 5V, IO = 20mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product*
* Transistor - For Reference Only
R1 R2/R1 fT
1 250
+30 1.2
% MHz
DS30329 Rev. 9 - 2
2 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) CA
(c) Diodes Incorporated
Typical Curves - DDTC143ECA
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
200 Pd, POWER DISSIPATION (mW)
0.1
75 C -25C 25C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
1,000
5
f = 1MHz
4
hFE, DC CURRENT GAIN
100
COB, CAPACITANCE (pF)
3
2
10
1
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0 0 5 10 15 20 25 30 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
100
75C
10
VO = 0.2V 25C
IC, COLLECTOR CURRENT (mA)
-25C
Vin, INPUT VOLTAGE (V) 3 4 5 6 7 8 9 10
10
1
1
0.1
0.01 0 1 2 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage
0 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current DDTC (R1 = R2 SERIES) CA
(c) Diodes Incorporated
DS30329 Rev. 9 - 2
3 of 4 www.diodes.com
Ordering Information (Note 4)
Device DDTC123ECA-7-F DDTC143ECA-7-F DDTC114ECA-7-F DDTC124ECA-7-F DDTC144ECA-7-F DDTC115ECA-7-F
Notes:
Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
NXX
Date Code Key Year Code Month Code
YM
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3
2005 S Apr 4
2006 T May 5 Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30329 Rev. 9 - 2
4 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) CA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTC143ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X