Part Number Hot Search : 
VC0201 30010 PO0R4 WF5025 1M50V SPP34 MBR30H OM1055
Product Description
Full Text Search
 

To Download DDTC113TKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R1-ONLY SERIES) KA
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistor, R1 only Lead Free/RoHS Compliant (Note 2) "Green" Device, Note 3 and 4
B G H K M A C
SC-59 Dim A
BC
Min 0.35 1.50 2.70 0.95 1.90 2.90 0.013 1.00 0.35 0.10 0
Max 0.50 1.70 3.00
NEW PRODUCT
B C D G H J K L
C
Mechanical Data
* * * * * * * * * Case: SC-59 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Terminal Connections: See Diagram Marking Information: See Diagrams & Page 3 Ordering Information: See Page 3 Weight: 0.008 grams (approximate) P/N DDTC113TKA DDTC123TKA DDTC143TKA DDTC114TKA DDTC124TKA DDTC144TKA DDTC115TKA DDTC125TKA R1 (NOM) 1K 2.2K 4.7K 10K 22K 47K 100K 200K Type Code N01 N03 N07 N12 N16 N19 N23 N25
E
3.10 0.10 1.30 0.55 0.20 8
J
D
F
L
R1
B
M
All Dimensions in mm
E SCHEMATIC DIAGRAM
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RJA Tj, TSTG Value 50 50 5 100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30339 Rev. 6 - 2
1 of 3 www.diodes.com
DDTC (R1-ONLY SERIES) KA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO Min 50 50 5 Typ Max 0.5 0.5 Unit V V V A A Test Condition IC = 50A IC = 1mA IE = 50A VCB = 50V VEB = 4V IC/IB = 10mA/1mA DDTC113TKA IC/IB = 5mA/0.5mA DDTC123TKA IC/IB = 2.5mA/.25mA DDTC143TKA IC/IB = 1mA/.1mA DDTC114TKA IC/IB = 5mA/0.5mA DDTC124TKA IC/IB = 2.5mA/.25mA DDTC144TKA IC/IB = 1mA/0.1mA DDTC115TKA IC/IB = .5mA/.05mA DDTC125TKA IC = 1mA, VCE = 5V VCE = 10V, IE = -5mA, f = 100MHz
NEW PRODUCT
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
hFE R1 fT
100 -30
250 250
600 +30
% MHz
Typical Curves - DDTC114TKA
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 PD, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve 150
0.001 0
40 10 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
50
1,000 hFE, DC CURRENT GAIN (NORMALIZED)
4
IE = 0mA
100
COB, CAPACITANCE (pF)
3
2
10
1
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0 0 10 15 25 20 5 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance 30
DS30339 Rev. 6 - 2
2 of 3 www.diodes.com
DDTC (R1-ONLY SERIES) KA
(c) Diodes Incorporated
100
10
VO = 0.2
IC, COLLECTOR CURRENT (mA)
10
1
Vin, INPUT VOLTAGE (V)
0 1 8 9 6 7 3 4 5 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2 10
NEW PRODUCT
1
0.1
0.01
0.001
0 0 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current 50
Ordering Information (Note 4 & 5)
Device DDTC113TKA-7-F DDTC123TKA-7-F DDTC143TKA-7-F DDTC114TKA-7-F DDTC124TKA-7-F DDTC144TKA-7-F DDTC115TKA-7-F DDTC125TKA-7-F
Notes:
Packaging SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3 Apr 4
2005 S May 5
YM
2006 T Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30339 Rev. 6 - 2
3 of 3 www.diodes.com
DDTC (R1-ONLY SERIES) KA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTC113TKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X