Part Number Hot Search : 
PNZ150L 56000 ISL64 60N6S2D CD4C1290 25NTT 2SK131 DB101G
Product Description
Full Text Search
 

To Download DDTA124ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1 = R2 SERIES) CA
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
Please click here to visit our online spice models database.
Features NEW PROD UCT
* * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1 = R2 Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 1 and 2)
A
SOT-23 Dim A B C D Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0 Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
TOP VIEW
B
C
Mechanical Data
* * * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Type Code: See Table Below & Page 4 Ordering Information: See Page 4 Weight: 0.008 grams (approximate) P/N DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA R1, R2 (NOM) 2.2K 4.7K 10K 22K 47K 100K Type Code P04 P08 P13 P17 P20 P24
E
D G H K J L
E G H
M
J K L M
OUT 3
C B R1 R2
All Dimensions in mm
IN B
1
3
C OUT
E
1 IN
2 GND(+)
GND (+)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@TA = 25C unless otherwise specified Symbol VCC DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA All Value -50 +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 -100 -100 -50 -30 -30 -20 -100 Unit V
Characteristic
2
E
VIN
V
Output Current
IO
mA
Output Current
Notes:
IC (Max)
mA
1. No purposefully added lead. Halogen and Antimony Free. 2. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30333 Rev. 7 - 2
1 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) CA
(c) Diodes Incorporated
Thermal Characteristics
Characteristic Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 3) Operating and Storage and Temperature Range
Notes: 3.
Symbol Pd RJA Tj, TSTG
Value 200 625 -55 to +150
Unit mW C/W C
Mounted on FR4 PC Board with recommended pad layout as shown on Diodes Inc., suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf
NEW PRODUCT
Electrical Characteristics
Characteristic
@TA = 25C unless otherwise specified Symbol Vl(off) Min -0.5 Typ -1.1 Max Unit Test Condition VCC = 5V, IO = 100A VO = 0.3V, IO = 20mA, DDTA123ECA VO = 0.3V, IO = 20mA, DDTA143ECA VO = 0.3V, IO = 10mA, DDTA114ECA VO = 0.3V, IO = 5mA, DDTA124ECA VO = 0.3V, IO = 2mA, DDTA144ECA VO = 0.3V, IO = 1mA, DDTA115ECA IO/Il =10mA/0.5mA, DDTA123ECA IO/Il =10mA/0.5mA, DDTA143ECA IO/Il =10mA/0.5mA, DDTA114ECA IO/Il =10mA/0.5mA, DDTA124ECA IO/Il =10mA/0.5mA, DDTA144ECA IO/Il =5mA/0.25mA, DDTA115ECA
Input Voltage Vl(on)
-1.9
-3
V
Output Voltage
VO(on)
-0.1
-0.3
V
Input Current
DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA
Il
-3.8 -1.8 -.88 -.36 -.18 -.15 0.5
mA VI = -5V
Output Current DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA
IO(off)
-20 -20 -30 -56 -68 -82 -30 0.8
A
VCC = -50V, VI = 0V VO = -5V, IO = -20mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VCE = -10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product*
* Transistor - For Reference Only
R1 R2/R1 fT
1 250
+30 1.2
% MHz
DS30333 Rev. 7 - 2
2 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) CA
(c) Diodes Incorporated
3 2
Typical Curves - DDTA143ECA
250
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V) 1
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
75C -25C 25C
NEW PRODUCT
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve 1,000
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC 12
f = 1MHz
10
hFE, DC CURRENT GAIN
100
COB, CAPACITANCE (pF)
8
6
10
4
2
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0 0 5 10 15 20 25 30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
100
75C VO = 5V 25C
10
IC, COLLECTOR CURRENT (mA)
-25C
1
Vin, INPUT VOLTAGE (V)
10
1
0.1
0.01 0 1 8 9 10 6 7 3 4 5 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2
0 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current DDTA (R1 = R2 SERIES) CA
(c) Diodes Incorporated
DS30333 Rev. 7 - 2
3 of 4 www.diodes.com
Ordering Information (Note 4)
Device DDTA123ECA-7-F DDTA143ECA-7-F DDTA114ECA-7-F Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
DDTA124ECA-7-F DDTA144ECA-7-F DDTA115ECA-7-F
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
YM
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3
2005 S Apr 4
2006 T May 5 Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30333 Rev. 7 - 2
4 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) CA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA124ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X