Part Number Hot Search : 
50N06 UT54ACS LC20U DTGXXX 78L08 HD64F MIC24420 040BI
Product Description
Full Text Search
 

To Download BC847BPN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC847BPN
DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
This device contains two electrically-isolated complimentary pair (NPN and PNP) general-purpose transistors. This device is ideal for portable applications where board space is at a premium.
4
SOT- 363
FEATURES
Electrically-Isolated Complimentary Transistor Pairs In compliance with EU RoHS 2002/95/EC directives
5 6 2 1 3
6
5
4
APPLICATIONS
General Purpose Amplifier Applications Hand-Held Computers, PDAs
Device Marking Code: 47P MAXIMUM RATINGS - NPN
Rating Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Voltage Collector Current
1
2
3
TJ = 25C Unless otherwise noted Symbol VCBO V CEO VEBO IC Value 50 45 6.0 100 Units V V V mA
MAXIMUM RATINGS - PNP
Rating Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Voltage Collector Current
TJ = 25C Unless otherwise noted Symbol VCBO V CEO VEBO IC Value -50 -45 -5.0 -100 Units V V V mA
THERMAL CHARACTERISTICS
Characteristic Symbol Value Units
Total Power Dissipation (Note 1) Operating Junction Temperature Range Storage Temperature Range
Thermal Resistance, Junction to Ambient (Note 1)
PD TJ Tstg
R thja
200
-55 to +150
mW C C
C/W
-55 to +150
556
Note 1. FR-4 board 70 x 60 x 1mm with minimum recommended pad layout
3/5/2009
Page 1
www.panjit.com
BC847BPN
NPN ELECTRICAL CHARACTERISTICS (Note 2)
Parameter Symbol Conditions Collector-Emitter Breakdown VoltageV (BR)CEO I C = 10mA Collector-Emitter Breakdown VoltageV (BR)CES I C = 10uA, V EB= 0 Collector-Base Breakdown Voltage V (BR)CBO I C = 10uA Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain V (BR)EBO I E = 1.0uA ICBO IEBO h FE VCB= 30V, I E = 0 V EB= 5V, I C= 0 V CE= 5V, I C= 2.0mA I C = 10mA, I B = 0.5mA I C = 100mA, I B = 5mA TJ =150C TJ = 25C Unless otherwise noted Min 45 50 50 6.0 200 0.58 100 Typ 0.75 7 Max 15 5 100 450 0.1 0.4 0.7 1.5 Units V V V V nA uA nA V V V V MHz pF pF
Collector-Emitter Saturation Voltage VCE(SAT) Base-Emitter Saturation Voltage Base-Emitter Voltage Gain-Bandwidth Product Collector-Base Capacitance Emitter-Base Capacitance
VBE(SAT) I C = 10mA, I B = 0.5mA V BE fT CCBO CEBO V CE= 5V, I C= 2.0mA V CE= 5V, I C= 10mA f = 100MHz VCB= 10V, f =1.0MHz VEB = 0.5V, f =1.0MHz
PNP ELECTRICAL CHARACTERISTICS (Note 2)
Parameter Symbol Conditions Collector-Emitter Breakdown VoltageV (BR)CEO I C = -10mA Collector-Emitter Breakdown VoltageV (BR)CES I C = -10uA, VEB = 0 Collector-Base Breakdown Voltage V (BR)CBO I C = -10uA Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain V (BR)EBO I E = -1.0uA ICBO IEBO h FE VCB= -30V, I E = 0 V EB= -5V, I C = 0 V CE= -5V, I C = -2.0mA I C = -10mA, I B = -0.5mA I C = -100mA, IB = -5mA
T = 25C Unless otherwise noted
J
Min -45 -50 -50 -5.0 -
Typ -0.7 11
Max -15 -4.0 -100 475 -0.3 -0.65 -0.75 4.5 -
Units V V V V nA uA nA V V V V MHz pF pF
TJ =150C
200 -0.6 100 -
Collector-Emitter Saturation Voltage VCE(SAT) Base-Emitter Saturation Voltage Base-Emitter Voltage Gain-Bandwidth Product Collector-Base Capacitance Emitter-Base Capacitance
VBE(SAT) I C = -10mA, I B = -0.5mA V BE fT CCBO CEBO V CE= -5V, I C = -2.0mA V CE= -5V, I C = -10mA f = 100MHz VCB= -10V, f =1.0MHz VEB = -0.5V, f =1.0MHz
Note 2. Short duration test pulse used to minimize self-heating
3/5/2009
Page 2
www.panjit.com
BC847BPN
PACKAGE LAYOUT AND SUGGESTED PAD DIMENSIONS
ORDERING INFORMATION
BC847BPN T/R7 - 3,000 units per 7 inch reel BC847BPN T/R13 -10,000 units per 13 inch reel
Copyright PanJit International, Inc 2009
The inform ation presented in this docum ent is believed to be accurate and reliable. The specifications and inform ation herein are subject to change without notice. Pan Jit m akes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or system s. Pan Jit does not convey any license under its patent rights or rights of others.
3/5/2009
Page 3
www.panjit.com


▲Up To Search▲   

 
Price & Availability of BC847BPN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X