Part Number Hot Search : 
SAM5280 AE10060 VC1206 E427406 RE031 PIC16F8 HT46R TS4972
Product Description
Full Text Search
 

To Download 50011-8000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0500118000 Active
microblade 2.00mm (.079") Pitch MicroBladeTM Wire-to-Wire Crimp Terminal, Female, 24-30 AWG, Reel
Documents: Drawing (PDF) Product Specification PS-51004-002 (PDF) Product Specification PS-51049-001 (PDF)
Product Specification PS-54183-003 (PDF) Product Specification PS-55381-004 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 50011 Yes microblade MicroBladeTM
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Phosphor Bronze Tin Tin Reel Crimp or Compression 0.80-1.40mm (.031-.055") 24, 26, 28, 30 N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 125V Search Parts in this Series 50011Series Mates With 53014 , 53015 , 53025 MicroBladeTM Headers Use With 51004 MicroBladeTM Housing Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0638190100 for Milli-GridTM and MicroBlade Crimp Terminals T2 Terminator Die, 0639103800 24-30 AWG
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-50011 PS-51004-002, PS-51049-001, PS-54183-003, PS-55381-004, RPS-51004-001, RPS-51004-002, RPS-51004-003, RPS-51004-004, RPS-51004-005, RPS-51004-006, RPS-51004-007, RPS-51004-008, RPS-51004-009, RPS-51004-010, RPS-51004-011, RPS-51004-012, RPS-51004-013, RPS-51004-014, RPS-51004-015, RPS-51004-016, RPS-51004-017, RPS-51004-018, RPS-51004-019, RPS-51004-020, RPS-51004-021, RPS-51004-022, RPS-51004-023, RPS-51004-024, RPS-51004-025, RPS-53014-001, RPS-54183-001, RPS-54183-002, RPS-55381-001, RPS-55381-002 SD-50011-8*00
Sales Drawing
FineAdjustTM 0639003800 Applicator for 2.00mm (.079") Pitch Micro Blade Wire-toWire Terminal, 24-30 AWG Extraction Tool 0011030043 Japan Description Product # Applicator for M211A 0570303000 Bench Press, 22-30 AWG, for 50011 Crimp Terminal Extraction Tool 0571056000
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 50011-8000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X