|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/22/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: 3D Model Drawing (PDF) 0393720002 Active 7.50mm (.295") BeauTM EurostyleTM Vertical PCB Header, Closed Ends, 2 Circuits RoHS Certificate of Compliance (PDF) Agency Certification UL E48521 image - Reference only Series General Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39372 Wire-to-Board PCB Header USA-261 EurostyleTMPluggable Euro Block EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (Loaded) Circuits (maximum) Entry Angle Flammability Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Size AWG 2 2 Vertical 94V-0 None 1 Vertical 0.138 In 3.50 mm None No 0.295 In 7.50 mm 0.295 In 7.50 mm Yes Closed Ends No No 110C N/A Search Parts in this Series 39372Series Mates With 39371 & 39374 Plugs Electrical Current - Maximum per Contact Voltage - Maximum 15A 300V Material Info Old Part Number 371602 Reference - Drawing Numbers Sales Drawing SD-39372-001 This document was generated on 04/22/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 39372-0002 |