Part Number Hot Search : 
2SC4805G E001700 193NQ0 S15L45 BLF184XR CAT51 S3P7574 IN74AC
Product Description
Full Text Search
 

To Download 0850019008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0850019008 Active
din_41612 2.54mm (.100") Pitch DIN 41612 B/2 Style Male Header, PBT, Right Angle, Through Hole, 0.60m (24") Selective Gold (Au) Plating, 16 Circuits, with Mounting Clips, No Flux Proof, Lead free
Documents: Drawing (PDF) Product Specification PS-85003-0001 (PDF)
RoHS Certificate of Compliance (PDF)
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 85001 Backplane With Mounting Clips. No Flux Proof PCB Header din_41612 IEC 603-2/DIN 41612 B/2
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating 16 32 Contact Positions at: A:a2,a4,a6,a8,a10,a12,a14,a16; B:b2,b4,b6,b8,b10,b12,b14,b16 Natural 400 No No Yes Brass Gold Tin Polyester 16 Open Pin Field 2 Right Angle 0.118 In 3.00 mm No Yes Carton 0.100 In 2.54 mm 0.100 In 2.54 mm 24 0.60 98 2.5 Yes No No -55C to +125C
Search Parts in this Series 85001Series
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 1A 622.0 Mbps 250V AC (RMS)
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-36507-001 PS-85003-0001 SD-85001-9008
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0850019008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X