Part Number Hot Search : 
TFS211A K4096LS BYW75TR UT2309 HEF4028B PEB20256 ITSX93C PC410L
Product Description
Full Text Search
 

To Download 0537800570 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0537800570 Active
panelmate_125mm_049_pitch_ultra_lowprofile 1.25mm (.049") Pitch PanelMateTM Header, Surface Mount, Right Angle, 1.90mm (.075") Height, Lead-free, 5 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-51146-010 (PDF)
Product Specification PS-51146-012 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application MolexKits Overview Product Name PCB Headers 53780 Wire-to-Board Yes panelmate_125mm_049_pitch_ultra_lowprofile PanelMateTM
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 5 Natural 50 No 94V-0 No No None None Phosphor Bronze Gold Tin 1 Right Angle No Yes Embossed Tape on Reel 0.049 In 1.25 mm No Fully No -40C to +85C Surface Mount
Search Parts in this Series 53780Series Mates With 51146 PanelMateTM Wire-to-Board Receptacle Housing
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification
Sales Drawing
SPK-53780-ET PS-51146-010, PS-51146-012, RPS-51146-020, RPS-51146-022, RPS-51146-023, RPS-51146-025, RPS-51146-026, RPS-51146-027, RPS-51146-028, RPS-51146-029 SD-53780-003, SD-53780-004
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0537800570

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X