Part Number Hot Search : 
C4851 AP1121BS 4076E ES9008S IRF9510 CPZ1810 90814 LP207120
Product Description
Full Text Search
 

To Download 0510481010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: Drawing (PDF)
0510481010 Active
2.00mm (.079") Pitch Cable Holder, Vertical, Low Profile, for Ribbon Cable, 10 Circuits
RoHS Certificate of Compliance (PDF)
General
Product Family Series Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 51048 One Piece No Board-In, Cable Holder Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Entry Angle Lock to Mating Part Material - Resin Number of Rows PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire/Cable Type 10 Natural Vertical None Nylon 1 Yes 0.062 In 1.60 mm Bag 0.079 In 2.00 mm N/A No No No -40C to +105C 1.60mm (.063") max. 26 Ribbon Cable
Search Parts in this Series 51048Series Mates With N/A
Electrical
Current - Maximum per Contact Voltage - Maximum N/A N/A
Material Info
Use With Topcoated ribbon cable
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0510481010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X