Part Number Hot Search : 
DS100 C471K508 ADR02ARZ MC92314 TA8263B JGC0158 C0603 MT720
Product Description
Full Text Search
 

To Download 0480372200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0480372200 Active
Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount, Straight Tab 3.80mm (.150") , 0.76m (30") Gold (Au) Plating, PCB Thickness 1.60mm (.063"), Tape on Reel Package, Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-48037-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only I/O Connectors 48037 Wire-to-Board Straight Tab 3.80mm (.150") Plug USB A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Gender Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A 4 4 Plug Yes Yes Gold Tin 1 Right Angle Yes Yes 0.063 In 1.60 mm Embossed Tape on Reel Yes 0.078 In, 0.098 In 2.00 mm, 2.50 mm 0.078 In, 0.098 In 2.00 mm, 2.50 mm 30 0.76 Yes Yes 1 Yes -20C to +85C Surface Mount No
Search Parts in this Series 48037Series Mates With USB Type A Receptacle
Electrical
Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 1.5A Full Shield Yes 150V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-48037-001 SD-48037-004
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0480372200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X