Part Number Hot Search : 
FR902 FRE9260D P2301 FLI2300 M54977P 2SC277 00022 BFX48
Product Description
Full Text Search
 

To Download 0393720005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0393720005 Active
7.50mm (.295") BeauTM EurostyleTM Vertical PCB Header, Closed Ends, 5 Circuits
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E48521 image - Reference only
Series
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39372 Wire-to-Board PCB Header USA-261 EurostyleTMPluggable Euro Block EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Entry Angle Flammability Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Size AWG 5 5 Vertical 94V-0 None 1 Vertical 0.138 In 3.50 mm None No 0.295 In 7.50 mm 0.295 In 7.50 mm Yes Closed Ends No No 110C N/A
Search Parts in this Series 39372Series Mates With 39371 & 39374 Plugs
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info
Old Part Number 371605
Reference - Drawing Numbers
Sales Drawing SD-39372-001
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0393720005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X