|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/23/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: 3D Model Drawing (PDF) 0387200210 Active 9.53mm (.375") Pitch BeauTM PCB Terminal Strip, Screw Terminal, 10 Circuits Product Specification PS-38710-001 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Application Component Type Product Name Type Terminal Blocks 38720 Wire-to-Board One Piece Fixed Mount Barrier Barrier Strip image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Series Physical Circuits (Loaded) Circuits (maximum) Color - Resin Entry Angle Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Size AWG Wire Size mm 10 10 Black Horizontal None Brass Tin Tin Polyester 1 Horizontal 0.190 In 4.80 mm None 0.125 In 3.18 mm No 0.375 In 9.53 mm 0.375 In 9.53 mm 150 3.75 150 3.75 No Dual-Barrier No No -40C to +130C Screw or Lug 14, 16, 18, 20, 22 0.50 - 1.50 Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 38720Series Electrical Current - Maximum per Contact Voltage - Maximum 15A 300V Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Old Part Number 72110 Reference - Drawing Numbers Product Specification Sales Drawing PS-38710-001 SD-38720-008 This document was generated on 04/23/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0387200210 |