Part Number Hot Search : 
ETX500T TM266DUB 2N5115TX CHV37H64 LO4135 15MQ040 CHV37H64 CHV37H64
Product Description
Full Text Search
 

To Download 0022272251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0022272251 Active
kk 2.54mm (.100") Pitch KK(R) Wire-to-Board Header, Vertical, with Friction Lock, 25 Circuits, Tin (Sn) Plating
Documents: 3D Model Drawing (PDF) Product Specification PS-10-07 (PDF)
Product Specification PS-99020-0088 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Overview Product Name PCB Headers 6410 Wire-to-Board kk KK(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB No 25 25 Natural (White) No 94V-0 No No None Yes Brass Tin Tin Nylon 1 Vertical 0.140 In 3.56 mm No None 0.063 In 1.60 mm Bag 0.100 In 2.54 mm 0.100 In 2.54 mm 200 5 200 5 Yes No
Search Parts in this Series 6410Series Mates With KK(R) Crimp Terminal Housing 2695 , 6471
Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Partial No No 0C to +75C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 4A 250V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number AE-6410-25A(102)
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-6373-001 PS-10-07, PS-99020-0088 SDAE-6410-N
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0022272251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X