Part Number Hot Search : 
000MT RT1N432C 040010 040010 UPD6122 02000 D52LC 7474E3
Product Description
Full Text Search
 

To Download SWG121600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SWG121600(12V160AH)
Outer dimensions (mm)
534
207
534
207
236
221
216
223
206
Sw G1 21 (12 V1 60 60 0 Ah )
( wG S1 2 V1 2 61 6 0 A0 h0 )
Sw G1 21 (12 V1 60 60 0 Ah )
( wG S1 2 V1 2 61 6 0 A0 h0 )
Terminal Type (mm)
96
Specifications
9
3
96
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx
T11 T60
21
12V 160 Ah
237 mm (9.33 inches)
221 mm (8.70 inches)
25
16
M8
5
16
T11
Curves of cycle life(25 )
120
216 mm (8.50 inches) 534 mm (21.1 inches) 209 mm (8.23 inches)
Capacity(%)
T60
53 Kg (117 lbs)
100 80 60
Characteristics
Capacity 25 (77 ) 20 hour rate(8.00 A) 10 hour rate(14.7 A) 5 hour rate(23.4A) 1 hour rate(88.2 A) 160 AH 147 AH 117 AH 88.2 AH
Approx 6.5 m
100%DOD
50%DOD
30%DOD
40 20 0
Idis=0.17C 5h Ich=0.10C 10h
Idis=0.17C Ich=0.10C
2.5h 5.0h
Idis=0.17C Ich=0.10C
1.5h 3.0h
200
800 600 400 Number of cycles(cycles)
216
1000
1200
1400
1600
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) Cycle Float 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage
102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25
(77
)
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.6 9.0 8.4 7.8 1 2 4 310A 6 8 10 20 40 60 2 (Min) 4 6 8 10 20 40 (h) 74A 147A
29.4A
8A 14.7A
T11 T60 Initial Charging Current less than 59 A Voltage 14.10-14.40V Voltage 13.50-13.80V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time 5min
A W A W A W A W A W
R
)
10h 20h
10min
15min
30min
1h
2h
3h
4h
5h
8h
9.60V 10.20V 10.50V 10.80V 11.10V


▲Up To Search▲   

 
Price & Availability of SWG121600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X