Part Number Hot Search : 
1N2933A GFC45 40200 N4732 BAR3502S WM5116 MP240 PE9631
Product Description
Full Text Search
 

To Download SW121200II Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW121200II(12V120AH)
Outer dimensions (mm)
407
174
407
174
Sw1 (12 212 00 V12 0AH )
(12 Sw
121 V12 200 0AH )
43
233
277
314
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 12V 120 Ah 233 mm (9.17 inches) 209 mm (8.23 inches) 407 mm (16.0 inches) 174mm (6.85 inches) 36.5 Kg (80.66 lbs)
Terminal Type (mm)
3
14
9
24
43
25
M6 16
T11
Discharge Curves 25 (77 )
T16
Characteristics
Capacity 25 (77 ) 10 hour rate(12.0 A) 5 hour rate(19.2 A) 1 hour rate(72.0 A) 120 AH 96 AH 72 AH
approx
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.6 9.0 8.4 7.8 12 253A 4 6 8 10 204060 2 4 6 8 10 20 40 (h) (Min) 60A 24A 120A 12A
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) Cycle Float 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage
3.8 m
102% 100% 85% 65% 91% 82% 64%
T11 T16 Initial Charging Current less than 48 A Voltage 14.10-14.40V Voltage 13.50-13.80V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time 5min
A W A W A W A W A W
)
10h 20h
10min
15min
30min
1h
2h
3h
4h
5h
8h
9.60V 10.20V 10.50V 10.80V 11.10V
5
233


▲Up To Search▲   

 
Price & Availability of SW121200II

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X