Part Number Hot Search : 
MC68882 HD020521 FX506LS AC128 K3450 01D105 14020 2SK44
Product Description
Full Text Search
 

To Download SPM-5701G08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
SPM-5701G
1
***********************************************************************************************************************************************************************
SPM-5701G / SPM-5701BG / SPM-5701AG (SC BIDI SFP) (RoHS Compliant) SPM-5701LG / SPM-5701BLG / SPM-5701ALG (LC BIDI SFP) 1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps Multi-Mode Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l l l l l l l l l l l l l
DESCRIPTION
1-Fiber Bi-Directional SFP Optical Transceiver Simplex SC Connector: SPM-5701G Simplex LC Connector: SPM-5701LG 1550 nm LD Transmitter 1310 nm Receiver Distance: 0 to 1000 m AC/AC Coupling according to MSA Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operating : SPM-5701G -10 to 85oC Operating : SPM-5701BG -40 to 85oC Operating : SPM-5701AG Class 1 Laser International Safety Standard IEC 60825 Compliant
The SPM-5701G series is small form factor pluggable module for multi-mode fiber Fast Ethernet, Fibre Channel and OC-12 / STM-4 SONET / SDH single fiber communications by using 1550 nm transmitter and 1310 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability. The transmitter section uses a multiple quantum well 1550 nm laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated 1310 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l WDM Fast Ethernet Links l SONET/SDH Equipment Interconnect l Fibre Channel Links
ORDER INFORMATION
P/No. SPM-5701G SPM-5701BG SPM-5701AG SPM-5701LG SPM-5701BLG SPM-5701ALG Bit Rate (Mb/s) 622 622 622 622 622 622 Distance (m) 0 to 1000 0 to 1000 0 to 1000 0 to 1000 0 to 1000 0 to 1000 TX (nm) 1550 1550 1550 1550 1550 1550 RX (nm) 1310 1310 1310 1310 1310 1310 Package SC SFP SC SFP SC SFP LC SFP LC SFP LC SFP Temp TX Power (oC) (dBm) 0 to 70 -8 to -15 -10 to 85 -8 to -15 -40 to 85 -8 to -15 0 to 70 -8 to -15 -10 to 85 -8 to -15 -40 to 85 -8 to -15 RX Sens. (dBm) -26 -26 -26 -26 -26 -26 RoHS Compliant Yes Yes Yes Yes Yes Yes
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V3.0
Optoway
Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature Symbol Tstg Topr Min -40 0 -10 -40 0 GND 0 Max 85 70 85 85 3.6 Vcc 30 Units o C o C
SPM-5701G
Notes SPM-5701G SPM-5701BG SPM-5701AG
2
**********************************************************************************************************************************************************************
Power Supply Voltage Input Voltage Output Current
Vcc --Iout
V V mA
Recommended Operating Conditions
Parameter Power Supply Voltage Power Supply Current Operating Case Temperature Symbol Vcc ICC (TX+RX) Topr Min 3.1 0 -10 -40 100 Typ 3.3 200 Max 3.5 300 70 85 85 Units / Notes V mA o C / SPM-5701G o C / SPM-5701BG o C / SPM-5701AG Mb/s
Data Rate
622
Transmitter Specifications (0 oC < Topr < 70 oC, 3.1V < Vcc < 3. 5V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Extinction Ratio Optical Rise Time Optical Fall Time Relative Intensity Noise Total Jitter Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage TX Disable Input Voltage - Low TX Disable Input Voltage - High TX Disable Assert Time TX Disable Deassert Time TX Fault Output Voltage -- Low TX Fault Output Voltage -- High Symbol Po ER tr tf RIN TJ IIL IIH VIH - VIL T DIS, L T DIS, H T ASSERT TDEASSERT T FaultL T FaultH Min -15 1480 --8.2 Typ ------Max -8 1580 10 --1 2 -116 0.5 Units dBm nm nm dB ns ns dB/Hz ns A A V V V s ms V V Notes 1 RMS () 10% to 90% Values 10% to 90% Values 2
-350 0.5 0 2.0 350 2.4 0.5 Vcc 10 1 0.5 Vcc+0.3
Peak-to-Peak 3 3
0 2.0
4 4
Notes: 1. Output power is power coupled into a 62.5/125 m multi-mode fiber. 2. Measured with a 27-1 PRBS. 3. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 4. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008
V3.0
Optoway
Receiver Specifications (0oC < Topr < 70oC, 3.1 V < Vcc < 3. 5V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Optical Return Loss Electrical Differential Output Voltage Output LOS Voltage -- Low Output LOS Voltage - High Signal Detect Assert Time Signal Detect Deassert Time Symbol --Pin Pa Pd Min ---8 ---40 1.0 1260 14 0.6 0 2.0 Typ ----------Max -26 ---26 --1360 Units dBm dBm dBm dBm dB nm dB V V V s s
SPM-5701G
Notes 5 Transition: low to high Transition: high to low 6
3
**********************************************************************************************************************************************************************
ORL VOH - V OL VOL VOH ASMAX ANSMAX
2.0 0.5 Vcc+0.3 100 300
7 7 OFF to ON ON to OFF
Notes: 5. Minimum sensitivity and saturation levels at BER 1E-10 for a 223-1 PRBS. 6. At least 30 dB optical isolation for the wavelength 1480 to 1580 nm. 7. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
RECOMMENDED CIRCUIT SCHEMATIC
VeeT Tx_DISABLE Tx_FAULT (1,17,20) 3 2 4.7K to 10K TD + 18 Z=50 TD 19 Z=50 VccT 16 10nF 1H Vcc 3.3V 10F 10nF 1H VccR 15 10nF 10F 10F TD TD + Tx_DISABLE Tx_FAULT
LD Driver
100
SerDes IC
Protocol IC
RD -
12 Z=50 100
RD -
POST Amp
RD +
13 Z=50 4.7K to 10K
RD +
depending on SERDES
LOSS OF SINGAL
LOS VeeR MOD_DEF(0)
8 (9,10,11,14) 6 5 4 4.7K to 10K Vcc 3.3V 4.7K to 10K
MODULE DETECT SCL SDA 4.7K to 10K
EEPROM
MOD_DEF(1) MOD_DEF(2)
SFP module
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008
V3.0
Optoway
CONNECTION DIAGRAM
SPM-5701G
4
**********************************************************************************************************************************************************************
PIN
1 2 3 4 5 6 7 8 9 10
Signal Name
TX GND TX Fault TX Disable MOD-DFE2 MOD-DEF1 MOD-DEF0 N/C LOS RX GND RX GND
Description
Transmitter Ground Transmitter Fault Indication Transmitter Disable (Module disables on high or open) Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module Not Connected Loss of Signal Receiver Ground Receiver Ground
PIN
11 12 13 14 15 16 17 18 19 20
Signal Name
Description
RX GND Receiver Ground RX DATA OUT- Inverse Receiver Data Out RX DATA OUT+ Receiver Data Out RX GND Vcc RX Vcc TX TX GND TX DATA IN+ TX DATA INTX GND Receiver Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
Module Definition
Module Definition 4 MOD-DEF2 PIN 4 SDA MOD-DEF1 PIN 5 SCL MOD-DEF0 PIN 6 LV-TTL Low Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008
V3.0
Optoway
PACKAGE DIAGRAM
Units in mm A) SC SFP
SPM-5701G
5
**********************************************************************************************************************************************************************
A) LC SFP
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008
V3.0
Optoway
Revision History
Version
1.0 2.0 3.0
SPM-5701G
6
**********************************************************************************************************************************************************************
Subject
Initial datasheet Combine datasheet of SC BIDI SFP and LC BIDI SFP Revise SC BIDI SFP package diagram for high port density use
Release Date
2005/12/1 2006/3/1 2008/1/1
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008
V3.0


▲Up To Search▲   

 
Price & Availability of SPM-5701G08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X