Part Number Hot Search : 
2SJ19 34671 0300L P4SMAJ17 BD239D TA8100 TDA20 L200C
Product Description
Full Text Search
 

To Download SFR101S1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFR101S - SFR107S
1.0 AMP. Soft Fast Recovery Rectifiers A-405
Features
Low forward voltage drop High current capability High reliability High surge current capability Fast switching for high efficiency
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, Lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260 oC /10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.22 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @T A = 55 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ T A=25 oC o at Rated DC Blocking Voltage @ T A=125 C Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance Operating Temperature Range
Symbol SFR SFR SFR SFR SFR SFR SFR Units 101S 102S 103S 104S 105S 106S 107S V RRM 50 100 200 400 600 800 1000 V V RMS 35 70 140 280 420 560 700 V V DC 50 100 200 400 600 800 1000 V I(AV) IFSM VF IR Trr Cj
R JA TJ
1.0
A
30 1.2 5.0 150 120 200 10 100 -65 to +150 -65 to +150 350
A V uA uA nS pF o C/W o C o C
Storage Temperature Range T STG 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (SFR101S THRU SFR107S)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
1.0 1000
FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. ( A)
.75
100 Tj=125 0C
.50
.25
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"9.5mm) Lead Length
0 25 50 75 100
o
10
Tj=75 0C
0 125 150 175 AMBIENT TEMPERATURE. ( C)
1.0 Tj=25 0C
50
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8.3ms Single Half Sine Wave JEDEC Method
PEAK FORWARD SURGE CURRENT. (A)
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
40
30
20
FIG.5- TYPICAL FORWARD CHARACTERISTICS
10 20 10 0 1 2 4 6 8 10 20 NUMBER OF CYCLES AT 60Hz 40 60 80 100
INSTANTANEOUS FORWARD CURRENT. (A)
3.0
Tj=25oC Pulse Width=300 s 1% Duty Cycle
FIG.4- TYPICAL JUNCTION CAPACITANCE
90
1.0
JUNCTION CAPACITANCE.(pF)
70 50
0.3
30 20
0.1
Tj=25 0C
10
.03
1 1 2 4 6 10 20 REVERSE VOLTAGE. (V) 40 60 100
.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of SFR101S1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X