Part Number Hot Search : 
SEN6A40 MT91610 W005M BB1110B SDN8000G DS1385 00152 ITR20004
Product Description
Full Text Search
 

To Download SD101AW1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101AW - SD101CW
400mW Schottky Barrier Switching Diode
Pb
RoHS
COMPLIANCE
SOD-123
Features
Low forward voltage drop Guard ring construction for transient protection Negligible reverse recovery time
Mechanical Data
Case: SOD-123, plastic Polarity: Cathode band Terminals: Solderable per MIIL-STD-202, Method 208 Marking: Date Code and Type Code or Date Code only Type Code: SD101AW S1 SD101BW S2 SD101CW S3 Weight: 0.01 grams (approx.)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified. Maximum Ratings Type Number Symbol SD101AW SD101BW SD101CW Units
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-repetitive Peak Forward Surge Current @ t 1.0s @ t = 10uS Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range VRRM VRWM VR
60 42
50 35 15 50 2.0 400 300 -65 to + 125
40 28
V V mA mA A mW
o
VR(RMS) IFM IFSM
Pd RJA TJ, TSTG Symbol V(BR) IR Min
60 50 40
C/W
o
C
Electrical Characteristics Type Number
Reverse Breakdown Voltage (Note 2) SD101AW IR=10uA SD101BW IR=10uA SD101CW IR=10uA Peak Reverse Current SD101AW VR=50V SD101BW VR=40V SD101CW VR=30V Forward Voltage Drop SD101AW IF=1.0mA (Note 2) SD101BW IF=1.0mA SD101CW IF=1.0mA SD101AW IF=15mA SD101BW IF=15mA SD101CW IF=15mA Junction Capacitance VR=0, f=1.0MHz SD101AW SD101BW SD101CW Reverse Recovery Time IF=IR=5.0Ma Irr=0.1 x IR, RL=100
Max
-
Units V
200 0.41 0.40 0.39 1.00 0.95 090 2.0 2.1 2.2 1.0
nA
VF
-
V
Cj trr
-
pF
-
nS
Version: A07
Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature. 2. Pulse Test: Pulse width = 300uS, Duty cycle 2%..
RATINGS AND CHARACTERISTIC CURVES (SD101AW - SD101CW)
FIG.1- TYPICAL FORWARD CHARACTERISTIC VARATIONS FOR PRIMARY CONDUCTION FIG.2- TYP. JUNCTION CAPACITANCE VS REVERSE VOLTAGE
10
A
IF, FORWARD CURRENT (mA) Cj, CAPACITANCE (pA)
2
T j=25 OC
C
B
1.0
C
1
0.1
A
B
0 0 0.5
VF, FORWARD VOLTAGE (V)
1.0
0 0 10 20 30 40 50
VR, REVERSE VOLTAGE (V)
Version: A07


▲Up To Search▲   

 
Price & Availability of SD101AW1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X