Part Number Hot Search : 
B122J DB05B DT54F SAA8122A LC5876 MC33262 EP8323 SC101
Product Description
Full Text Search
 

To Download SC08-11SRWA07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
Part Number: SC08-11SRWA Super Bright Red
Features
0.8 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAB4320 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/16/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1301000759
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. SC08-11SRWA Super Bright Red (GaAlAs) WHITE DIFFUSED 8000 Typ. 36000 Common Cathode, Rt. Hand Decimal Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Super Bright Red 75 30 155 5 -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAB4320 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/16/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1301000759
Super Bright Red
SC08-11SRWA
SPEC NO: DSAB4320 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/16/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1301000759
PACKING & LABEL SPECIFICATIONS
SC08-11SRWA
SPEC NO: DSAB4320 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/16/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1301000759


▲Up To Search▲   

 
Price & Availability of SC08-11SRWA07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X