Part Number Hot Search : 
V48C1 ZTX1147A 9313USI 500ET BD675 2902052 LB1978V 05033
Product Description
Full Text Search
 

To Download SA15-11SRWA06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 38mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
Part Number: SA15-11SRWA
SUPER BRIGHT RED
Features
1.5 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAA5818 APPROVED: J. Lu
REV NO: V.11 CHECKED: Joe Lee
DATE: NOV/02/2006 DRAWN: Z.Z.YANG
PAGE: 1 OF 4 ERP:1301000199
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. SA15-11SRWA SUPER BRIGHT RED (GaAlAs) WHITE DIFFUSED 12000 Typ. 60000 Common Anode, Rt. Hand Decimal. Description
Note: 1. Luminous Intensity/ Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Per Segment or (Dp) Reverse Current Per Segment or (Dp) Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 3.7 (1.85 ) 5.0 (2.5) 10 (10) Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 10V (VR = 5V)
Notes: 1.Wavelength: +/-1nm. 2.Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Per Segment or (Dp) DC Forward Current Per Segment or (Dp) Peak Forward Current [1] Per Segment or (Dp) Reverse Voltage Per Segment or (Dp) Operating / Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Super Bright Red 150(100) 30(30) 155(155) 10(5) -40C To +85C 260C For 3 Seconds
Units mW mA mA V
SPEC NO: DSAA5818 APPROVED: J. Lu
REV NO: V.11 CHECKED: Joe Lee
DATE: NOV/02/2006 DRAWN: Z.Z.YANG
PAGE: 2 OF 4 ERP:1301000199
Super Bright Red
SA15-11SRWA
SPEC NO: DSAA5818 APPROVED: J. Lu
REV NO: V.11 CHECKED: Joe Lee
DATE: NOV/02/2006 DRAWN: Z.Z.YANG
PAGE: 3 OF 4 ERP:1301000199
PACKING & LABEL SPECIFICATIONS
SA15-11SRWA
SPEC NO: DSAA5818 APPROVED: J. Lu
REV NO: V.11 CHECKED: Joe Lee
DATE: NOV/02/2006 DRAWN: Z.Z.YANG
PAGE: 4 OF 4 ERP:1301000199


▲Up To Search▲   

 
Price & Availability of SA15-11SRWA06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X