Part Number Hot Search : 
BXXXX STW13009 2SB674 300CA AN1471 0N60B MN3866S 300CA
Product Description
Full Text Search
 

To Download RS207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FEATURES
* * * * Ideal for printed circuit board Surge overload rating: 50 amperes peak Weight: 2.74 grams Mounting position: Any
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 THRU RS207
RS-2
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O * UL listed the recognized component directory,file #94233
.566 (14.4) .528 (13.4) .710 (18.0) .670 (17.0)
AC
.528 (13.4) .488 (12.4)
DIA.
.035 (0.9) .028 (0.7)
.787 (20.0) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.125 (3.2)
.160 (4.1) .140 (3.6) .260 (6.6) .240 (6.1)
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at T A = 50 o C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 3) Operating and Storage Temperature Range
O
SYMBOL VRRM VRMS VDC IO I FSM R q JC R q JA CJ T J, T STG
RS201 50 35 50
RS202 100 70 100
RS203 200 140 200
RS204 400 280 400 2.0 50 15 40 15 -55 to + 150
RS205 600 420 600
RS206 800 560 800
RS207 1000 700 1000
UNITS Volts Volts Volts Amps Amps
0
C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (@TA=25 C unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @T A = 25 o C @T A = 100 o C SYMBOL VF IR RS201 RS202 RS203 RS204 1.1 5.0 100 RS205 RS206 RS207 UNITS Volts mAmps 2007-3
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted. 2. "Fully ROHS compliant", "100% Sn plating (Pb-free)". 3. Measureed at 1MHz and applied reverse voltage of 4.0 volts.
RATING AND CHARACTERISTICS CURVES ( RS201 THRU RS207 )
INSTANTANEOUS FORWARD CURRENT, (A)
2.0 AVERAGE FORWARD CURRENT, (A) 1.6 1.2 0.8 0.4 0
Single Phase Half Wave 60 Hz Inductive or Resistive Load
4 1.0 0.4
0.1 0.04
T A = 25 OC Pulse Width = 300mS 1% Duty Cycle
0
50
100
O
150
0.01
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
AMBIENT TEMPERATURE, ( C)
INSTANTANEOUS FORWARD VOLTAGE, (V)
INSTANTANEOUS REVERSE CURRENT, (mA)
PEAK FORWARD SURGE CURRENT, (A)
1000
FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE
60 50 40 30 20 10 0 1
FIG.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
8.3mS Single Half Sine-Wave JEDEC Method
100
TA = 100 OC
10
TA = 25 OC
1.0
0.1
0
20
40
60
80
100
120
140
2
5
10
20
50
100
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
NUMBER OF CYCLES AT 60Hz
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.4 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of RS207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X