Part Number Hot Search : 
UPC258C5 40221 1N4151 P4SMA91A MD100 HC123 GS1MWG CTN393
Product Description
Full Text Search
 

To Download RN412ETTE1002B100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KOA SPEER ELECTRONICS, INC.
SS-197 R5
AHA 6/07/07
Surface Mount Coat-insulated Fixed Metal Film Resistors RN41, RM41 Type
1. Features

CERTIFIED
CERTIFIED
Meets or exceeds EIAJ-8009, EIA-PDP-100 Suitable for reflow and wave soldering High stability in short and long term tests Marking: Blue body color for "RN" , green for "RM" Products with lead-free terminations meet RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
2. Dimensions and Construction
C L D3
Type
(Inch Size Code)
L .079.004 (2.00.1) .138.008 (3.50.2) .126.008 (3.20.2) .138.008 (3.50.2) .232.008 (5.90.2) .232.008 (5.90.2)
Dimensions inches (mm) C (min.) D1 D2 (max.) .012 (0.3) .02 (0.5) .02 (0.5) .02 (0.5) .02 (0.5) .02 (0.5) .049.002 (1.250.05) .057.004 (1.450.1) .061.006 (1.550.15) .055.004 (1.40.1) .087.004 (2.20.1) .087.004 (2.20.1) .053 (1.35) .061 (1.55) .069 (1.75) .061 (1.55) .094 (2.4) .094 (2.4)
D3 (max.) .003 (0.07)
2A (0805) 2B (1406)
D1 D2
2D (1206) 2ES (1406) 2E, 2H (2309) 3AS
.004 (0.1)
Insulation Coating
Trimming Resistive Line Film Ceramic Core
End Cap
Marking
.006 (0.15) .071 (1.8)
3. Type Designation The type designation shall be the following form: New Type
RN41
Dielectric
RN41
2B
Size
2A: 0805 2B: 1406 2D: 1206 2E: 2309 2ES: 1406 2H: 2309 3AS: 2309 T: Sn
T
Termination Material
TE
Packaging
TE: 7" Embossed Plastic (2A, 2B, 2ES 3,000 pcs/reel) (2D 2,000 pcs/reel) (2E, 2H, 3AS 1,500 pcs/reel)
1002
Nominal Resistance
5%: 2 significant figures + 1 multiplier. "R" indicates decimal on values <10 1%: 3 significant figures + 1 multiplier. "R" indicates decimal on values <100
J
Tolerance
B C D F J = 0.1% = 0.25% = 0.5% = 1% = 5%
50*
T.C.R. (ppm/C)
25 50 100 200
(Other termination styles may be available, please contact factory for options)
*T.C.R. noted for RN41 only
PAGE 1 OF 4
Bolivar Drive
P.O. Box 547
Bradford, PA 16701
USA
814-362-5536
Fax 814-362-8883
www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-197 R5
3. Type Designation (continued) The type designation shall be the following form: New Type
RM41
Dielectric
RM41
2D
Size
2D: 1206 2H: 2309 T: Sn
T
Termination Material
TE
Packaging
TE: 7" Embossed Plastic (2D - 2,000 pcs/reel) (2H - 1,500 pcs/reel)
1R0
Nominal Resistance
5%: 2 significant figures + 1 multiplier. "R" indicates decimal on values <10
J
Tolerance
J = 5%
(Other termination styles may be available, please contact factory for options)
4. Applications and Ratings
Part Designation RN412A RN412B RN412D RN412E RN412ES RN412H RM412D RM412H RN413AS Power Rating @ 70C 1/8W (.125W) 1/8W (.125W) 1/5W (.2W) 1/4W (.25W) 1/4W (.25W) 1/2W (.5W) 1/5W (.2W) 1/2W (.5W) 1W T.C.R. (ppm/C) Max. (B0.1%) 100 25 50 50 25 50 25 50 200 350 350 50 -- -- -- -- -- -- -- -- -- -- -- Resistance Range E-24, E-96 (C0.25%) -- -- -- 100-100K -- -- -- -- -- -- -- E-24, E-96 (D0.5%) -- -- -- 100-1M -- -- -- -- -- -- 10-604K -- 10-1.0M -- 1-5.1M -- -- -- 1-1M E-24, E-96 (F1%) 100-100K -- E-24 (J5%) -- -- -- -- -- -- -- 0.22-0.91 0.22-100K 0.22-8.2 (E-12) 0.22-0.91 250V 200V 250V 500V 400V 600V -55C to +155C 150V Absolute Absolute Operating Maximum Maximum Temperature Working Overload Range Voltage Voltage 200V 300V
100-100K 100-604K
10K-100K 100-100K 100-604K
PxR
PxRx6.25
600V
*1) Please contact KOA Speers for further information.
PAGE 2 OF 4
Bolivar Drive
P.O. Box 547
Bradford, PA 16701
USA
814-362-5536
Fax 814-362-8883
www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-197 R5
5. Environmental Application
Derating Curve
100 80 % Rated Power 60 40 20 0
Surface Temperature Rise
80
2H
Temperature Rise (C)
60
2E
40
2D 2B
20
2A
0
20
40
60
80
100
120
140
70 Ambient Temperature (C)
160 155
0
0
25
50
75
100
% Rated Power
6. Performance Characteristics
Parameter Thermal Shock Low Temperature Exposure High Temperature Exposure Short Time Overload Resistance to Solder Heat Pulse Moisture Resistance Life Dielectric Withstanding Voltage 2A 2B 2D 2E 2H 3AS Insulation Resistance Maximum R (% + 0.05) 0.5% 0.2% 1.0% RN, 2.0% RM 0.5% 0.5% RN, 1.0% RM 1.0% RN, 2.0% RM 1.0% RN, 3.0% RM 1.0% RN, 3.0% RM 200V Minimum 300V Minimum 300V Minimum 400V Minimum 500V Minimum 600V Minimum 10,000 M Test Method MIL-STD-202, Method 107, -55C to +155C, 5 cycles MIL-R-55342 4.7.4, 1 Hour @ -55C MIL-R-55342 4.7.6, 100 hours @ 155C MIL-R-55342 4.7.5, 2.5 x RCWV for 5 seconds MIL-R-55342 4.7.7, 260C for 10 seconds 2.5 x RCWV, not exceeding maximum overload voltage, 1 second ON, 25 seconds OFF, 10,000 cycles MIL-STD-202, Method 103, 40C, 90 - 95% RH, 1000 hours MIL-STD-202, Method 108, 70C, 1000 hours @ RCWV, 1.5 hr ON, 0.5 hr OFF
1 minute minimum MIL-STD-202, Method 301
--
* RCWV = Rated Continuous Working Voltage.
7. Packing Packing box shall be marked with the following items. (1) Type, style and characteristic (2) Nominal resistance (3) Quantity (4) Lot number (5) Manufacturer's name Type
2A 2B, 2ES 2D 2E, 2H, 3AS
Quantity Bulk
3,000 pcs./box 3,000 pcs./box 2,000 pcs./box 1,500 pcs./box
Taping
3,000 pcs./reel 3,000 pcs./reel 2,000 pcs./reel 1,500 pcs./reel
PAGE 3 OF 4
Bolivar Drive
P.O. Box 547
Bradford, PA 16701
USA
814-362-5536
Fax 814-362-8883
www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-197 R5
9. Taping Dimensions/Reel Dimensions
1.5 +0.1 -0
(mm)
B
1.750.1
Central hole
W
oa
A
o13 e
od
T1
P1 (TP) 2.0 4.00.1 P1
T1 Direction of feed
T1
Dimensions in inches (mm) Type 2A 2B, 2ES 2D 2E, 2H 3AS A .094 (2.4 0.2) .146 (3.7 0.2) .146 (3.7 0.2) .244 (6.2 0.2) .244 (6.2 0.2) B .059 (1.5 0.2) .067 (1.7 0.2) .067 (1.7 0.2) .094 (2.4 0.2) .094 (2.4 0.2) W .315 (8.0 0.2) .315 (8.0 0.2) .315 (8.0 0.2) .472 (12.0 0.1) .472 (12.0 0.1) P1 .157 (4.0 0.1) .157 (4.0 0.1) .157 (4.0 0.1) .157 (4.0 0.1) .157 (4.0 0.1) T1 .059 (1.45 0.2) .067 (1.7 0.2) .067 (1.7 0.2) .102 (2.6 0.2) .102 (2.6 0.2) oa 7.01 (178) 7.01 (178) 7.01 (178) 7.01 (178) 10.01 (255) od .827 (21) .827 (21) .827 (21) .827 (21) .827 (21) e .079 (2) .079 (2) .079 (2) .079 (2) .079 (2)
10. Taping Configuration
Empty space Product space Empty space Lead space
A
B Direction of feed
C
Dimensions in inches (mm)
A min 3.93 (10 pitch)
B min 1.38 (35 pitch)
C min 11.40 (290 mm)
PAGE 4 OF 4
Bolivar Drive
P.O. Box 547
Bradford, PA 16701
USA
814-362-5536
Fax 814-362-8883
www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.


▲Up To Search▲   

 
Price & Availability of RN412ETTE1002B100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X