Part Number Hot Search : 
FR120 124JDR AK439312 SS159EUA 10H100CT SSF1009 CFSKNG TWH060
Product Description
Full Text Search
 

To Download QEHC49H3110LT5016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FREQUENCY
QEHC49U
HC49 Crystal - Through Hole packaged
Specification (Rev-D)
Electrical Characteristics ......................................................P01 ESR vs. frequency range and Mode of vibration ..................P01 Mechanical Characteristics ...................................................P01 Ordering Information .............................................................P02 Radial taping specification ....................................................P02
Frequency
QEHC49U
HC49U Crystal - Through Hole packaged
Specification (rev-D) June 27th, 2006
Electrical Characteristics
Electrical Parameters Frequency range Temperature Stability Operating Temperature Range Storage temperature range Shunt capacitance C0 Load capacitance Drive level Aging (First Year) Insulator resistance Unit MHz ppm C C pF pF W ppm M 500 100 -40 Minimum Typical Maximum 1.8432 10 10 30 30 -20/+70 125 50 50 -40/+85 +85 7.0 10pF ~ 32pF or series 500 5 Ref at 25C At 100VDC Customized specification upon request Refer to Ordering Information Refer to Ordering Information Refer to Ordering Information Refer to Ordering Information Test conditions
Frequency Tolerance (at 25C) ppm
ESR vs. frequency range and Mode of vibration
Frequency range (MHz) Mode of vibration Max ESR () Frequency range (MHz) Mode of vibration Max ESR () 1.8432 to 1.999 2.000 to 2.999 3.000 to 3.499 3.500 to 3.999 4.000 to 4.999 5.000 to 5.999 Fund. Fund. Fund. Fund. Fund. Fund. 650 500 250 150 100 80 6.000 to 7.9999 8.000 to 12.999 13.00 to 35.000 24.00 to 29.999 30.00 to 79.999 80.000 to 125.000 Fund. Fund. Fund. 3rd 3rd 5th 50 35 25 60 40 90
Mechanical Characteristics
5.0 [0.197] max
Line 1 Line 2 Line 3
Marking for QEHC49-GW VRDxxx (Temex code) Frequency in MHz (6 digits) YYWW - production code
H = 13.46 [0.529] max
Mechanical conditions Vibration 10g, 10Hz to 2KHz according to standard CEI 68-2-63 Shocks 100g, 6ms according to standard CEI 68-2-27
Note 1 : QEHC49U is fully RoHS compliant.
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Frequency
QEHC49U
HC49U Crystal - Through Hole packaged
Specification (rev-D) June 27th, 2006
Ordering Information
QEHC49U 1 30 Part numbering system HQ 50 16 25.000MHZ
Package type
Vibration mode 1 = Fundamental rd 3 = 3 Overtone 5 = 5th Overone
Frequency tolerance
Operating temperature range
Frequency stability
Load Capacitance 16=16pF
Please, enter the value of load capacitance
Nominal Frequency (MHz) Please enter the nominal frequency
SMD Package QEHC49U : HC49U Through Hole packaged
10=10ppm 30=30ppm 50=30ppm
D=-40C F= -30C H=-20C J=-10C L=0C M=+50C N=+55C O=+60C Q=+70C T=+85C
10=10ppm 30=20ppm 50=30ppm
Radial taping specification
Item Product size Product thickness Feed hole location Feed hole pitch Lead span Tape width Cover tape width Tolerance of leading hole Masking tape location Feed hole diameter Tape thickness Symbol A1 x A T P1 P0 F X W0 W1 H D0 t Dimensions 11.05x13.46 max 4.65 max 3.810.7 12.70.3 5.00.5 18.01.0 12.71.0 9.00.5 20.00.5 4.00.2 0.60.2
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.


▲Up To Search▲   

 
Price & Availability of QEHC49H3110LT5016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X