Part Number Hot Search : 
5SFP8 LF347D 381AZ BY228 2N6594 0515X 20M100 TR3D685
Product Description
Full Text Search
 

To Download MMBF170LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBF170LT1 Power MOSFET 500 mA, 60 V
N-Channel SOT-23
Features
* Pb-Free Packages are Available
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage Gate-Source Voltage - Continuous - Non-repetitive (tp 50 ms) Drain Current - Continuous - Pulsed Symbol VDSS VDGS VGS VGSM ID IDM Value 60 60 20 40 0.5 0.8 Unit Vdc Vdc Vdc Vpk Adc
http://onsemi.com
500 mA, 60 V RDS(on) = 5 W
SOT-23 CASE 318 STYLE 21
N-Channel 3
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (Note 1.) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD 225 1.8 RqJA TJ, Tstg 556 - 55 to +150 mW mW/C C/W C 1 Max Unit
2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. FR- 5 = 1.0 0.75 0.062 in.
MARKING DIAGRAM & PIN ASSIGNMENT
3 Drain 6Z MG G Gate 1 2 Source
6Z = Specific Device Code M = Date Code G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2008
1
April, 2008 - Rev. 6
Publication Order Number: MMBF170LT1/D
MMBF170LT1
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-Source Breakdown Voltage (VGS = 0, ID = 100 mA) Gate-Body Leakage Current, Forward (VGSF = 15 Vdc, VDS = 0) ON CHARACTERISTICS (Note 1) Gate Threshold Voltage (VDS = VGS, ID = 1.0 mA) Static Drain-Source On-Resistance (VGS = 10 Vdc, ID = 200 mA) On-State Drain Current (VDS = 25 Vdc, VGS = 0) DYNAMIC CHARACTERISTICS Input Capacitance (VDS = 10 Vdc, VGS = 0 V, f = 1.0 MHz) SWITCHING CHARACTERISTICS (Note 1) Turn-On Delay Time Turn-Off Delay Time (VDD = 25 Vdc, ID = 500 mA, Rgen = 50 W) Figure 1 td(on) td(off) 10 10 ns Ciss 60 pF VGS(th) rDS(on) ID(off) 0.8 3.0 5.0 0.5 Vdc W mA V(BR)DSS IGSS 60 10 Vdc nAdc Symbol Min Max Unit
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION Device
MMBF170LT1 MMBF170LT1G MMBF170LT3 MMBF170LT3G
Package
SOT-23 (TO-236) SOT-23 (TO-236) (Pb-Free) SOT-23 (TO-236) SOT-23 (TO-236) (Pb-Free)
Shipping
3,000 Tape & Reel 3,000 Tape & Reel 10,000 Tape & Reel 10,000 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
+25 V ton td(on) 125 W PULSE GENERATOR 50 W Vin 40 pF 20 dB 50 W ATTENUATOR TO SAMPLING SCOPE 50 W INPUT OUTPUT INVERTED Vout INPUT 50% 50 W 1 MW Vin 10% PULSE WIDTH tr 90% 10% 90% 50% td(off) 90% toff tf
Vout
(Vin AMPLITUDE 10 VOLTS)
Figure 1. Switching Test Circuit
Figure 2. Switching Waveform
http://onsemi.com
2
MMBF170LT1
TYPICAL ELECTRICAL CHARACTERISTICS
1.2 VGS = 10 V ID, DRAIN CURRENT (A) 1.0 0.8 4.2 V 0.6 0.4 0.2 0 0 1 2 3 4 5 6 VDS, DRAIN-TO-SOURCE VOLTAGE (V) 4.0 V 3.8 V 3.6 V 3.4 V 3.2 V 3.0 V 2.8 V 7 TJ = 25C 1.0 VDS 10 V ID, DRAIN CURRENT (A) 0.8
5.0 V
4.5 V
0.6
0.4 TJ = 150C 0.2 TJ = 25C TJ = -55C 1 2 3 4 5 6 7 8
0
VGS, GATE-TO-SOURCE VOLTAGE (V)
Figure 3. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W)
Figure 4. Transfer Characteristics
VGS, GATE-TO-SOURCE VOLTAGE (V)
8 7 6 5 4 3 2 1 0 0.15 VGS = 10 V 0.25 0.35 0.45 0.55 0.65 0.75 0.85 VGS = 4.5 V TJ = 25C
15
30 QT 25
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
12.5 10 VDS 7.5 5 2.5 0 0 0.5 1 1.5 Qg, TOTAL GATE CHARGE (nC) Qgs Qgd ID = 0.5 A TJ = 25C VGS
20 15 10 5 0 2
ID, DRAIN CURRENT (A)
Figure 5. On-Resistance vs. Drain Current and Gate Voltage
Figure 6. Gate-to-Source and Drain-to-Source Voltage vs. Total Charge
0.24 0.22 IS, SOURCE CURRENT (A) 0.20 0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 VGS = 0 V TJ = 25C
VSD, SOURCE-TO-DRAIN VOLTAGE (V)
Figure 7. Diode Forward Voltage vs. Current
http://onsemi.com
3
MMBF170LT1
TYPICAL ELECTRICAL CHARACTERISTICS
VGS(th), THRESHOLD VOLTAGE (NORMALIZED) r DS(on) , STATIC DRAIN-SOURCE ON-RESISTANCE (NORMALIZED)
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 - 60 - 20 20 60 T, TEMPERATURE (C) 100 140 VGS = 10 V ID = 200 mA
1.2 1.05 1.1 1.10 1.0 0.95 0.9 0.85 0.8 0.75 0.7 - 60 - 20 20 60 T, TEMPERATURE (C) 100 140 VDS = VGS ID = 1.0 mA
Figure 8. Temperature versus Static Drain-Source On-Resistance
Figure 9. Temperature versus Gate Threshold Voltage
http://onsemi.com
4
MMBF170LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AN
D
SEE VIEW C 3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08.
E
HE c
1 2
b e q A L A1 L1 VIEW C
0.25
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 21: PIN 1. GATE 2. SOURCE 3. DRAIN
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
SOT-23
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
5
MMBF170LT1/D


▲Up To Search▲   

 
Price & Availability of MMBF170LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X