Part Number Hot Search : 
MOC5007 X9587AZ LQH3C220 4GPBF BC847W UC3842B BUZ32 101DF4T
Product Description
Full Text Search
 

To Download MAX9635EDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ABRIDGED
19-5284; Rev 0; 8/10
TION_KIT EVALUA BLE ILA AVA
Industry's Lowest-Power Ambient Light Sensor with ADC MAX9635
Features
S Wide_0.045_Lux_to_188,000_Lux_Range S Small,_2mm_x_2mm_x_0.6mm_UTDFN-Opto S VCC_=_1.7V_to_3.6V S ICC_=_0.65A_Operating_Current S -40C_to_+85NC_Temperature_Range N
General Description
The MAX9635 ambient light sensor features an I2C digital output that is ideal for a number of portable applications such as smartphones, notebooks, and industrial sensors. At less than 1A operating current, it is the lowest power ambient light sensor in the industry and features an ultra-wide 22-bit dynamic range from 0.045 lux to 188,000 lux. Low-light operation allows easy operation in dark glass applications. The on-chip photodiode's spectral response is optimized to mimic the human eye's perception of ambient light and incorporates IR and UV blocking capability. The adaptive gain block automatically selects the correct lux range to optimize the counts/lux. The IC is designed to operate from a 1.7V to 3.6V supply voltage range and consumes only 0.65A in full operation. It is available in a small, 2mm x 2mm x 0.6mm UTDFN-Opto package.
PART MAX9635EDT+ *EP = Exposed pad.
Ordering Information
PIN-PACKAGE 6 UTDFN-Opto-EP* TEMP_RANGE -40NC to +85NC
+Denotes a lead(Pb)-free/RoHS-compliant package.
Applications
Tablet PCs/Notebook Computers TVs/Projectors/Displays Digital Lighting Management Portable Devices Cellular Phones/Smartphones Security Systems
MAX9635
IR PHOTODIODE VISIBLE +IR PHOTODIODE 16-BIT ADC 6-BIT RANGE CDR, TIM CONTROL 16-BIT ADC
Block Diagram
VCC SDA I2C DIGITAL SIGNAL PROCESSING SCL AO INT
N
GND
________________________________________________________________ _Maxim Integrated Products_ _ 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.


▲Up To Search▲   

 
Price & Availability of MAX9635EDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X