Part Number Hot Search : 
F08A30PT CO55CC LM3S8 S0400 BZX84C11 BU2508A 3AV2C BU306
Product Description
Full Text Search
 

To Download KLB-520O Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Light Emitting Diode(InGaAlP)
KLB-520 O
KLB-520 O is a high bright InGaAlP Orange LED, and has the optimized optical characteristics. DIMENSIONS
Unit : [mm]
Features
* Transparent epoxy lens * High Optical Output
Applications
* Display * Indicator * Signage * Camera
Maximum Ratings Parameter Reverse voltage Forward current Pulse forward current Power dissipation Storage temperature Soldering Temperature
*2. Soldering time 5 Sec
*2 *1
[ Ta=25C ]
Symbol VR IF IFP PD Topr. Tstg. Tsol.
Ratings 5 80 0.5 250 -30 ~ +85 -40 ~ +100 260
Unit V mA A mW C C C
Operating temperature
*1. IFP Measured under duty 1/10 @ 1KHz Keep the distance more than 3mm from soldering foundation.
Electro-Optical Characteristics Parameter Forward voltage Reverse current Luminous Intensity Peak emission wavelength Doninant Wave Length Spectral half bandwidth Half angle
[ Ta=25C ]
Symbol VF IR Iv P d 21/2
Conditions IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA
Min 20 600 -
Typ 2.5 30 610 15 8
Max 3.2 50 620 -
Unit V uA cd nm nm nm deg.
1/2
Light Emitting Diode(InGaAlP)
KLB-520 O
Forward current vs. Ambient temperature
100
Forward current IF[mA]
3.0
Radiant Intensity vs. Forward current
80 60 40 20
Relative intensity
2.0
1.0
0.5
0
0
0
5 10 15 20 30 40 50 60 70 80 90 100
0
20
40
60
80
100
Forward current IF[mA]
Ambient temperature Ta []
Relative radiant intensity vs. Ambient temperature
Relative radiant intensity PO
Relative intensity vs. Wavelength
0.5 0.45 0.4 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0 500 550 600 650 700 750 Wave Length[nm]
1
0.1
-20
0
20
40
60
80
100
Ambient temperature Ta []
Forward current vs. Forward voltage
80 70 60 50 40 30 20 10 0 0
Intensity [arb.]
10
Radiant Pattern
Angle(deg)
Forward current IF[mA]
+4
+60
0
+20
0
-20
-4
0
-6 0
50
-80 -1 00
+80
+100
0
100
50
50
100
0.5 1.0 1.5 2.0 2.5 3.0 3.5
Forward voltage VF[V] Relative intensity(%)
2/2


▲Up To Search▲   

 
Price & Availability of KLB-520O

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X