Part Number Hot Search : 
380HB PC1498 10A04 T3904 BC846BDW SL7299 3488E T3904
Product Description
Full Text Search
 

To Download KLB-520G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Light Emitting Diode(InGaN)
KLB-520 G
DIMENSIONS KLB-520 G is a high bright InGaN Green LED, and has the optimized optical characteristics.
Unit : [mm]
Features
* Transparent epoxy lens * High Optical Output
Applications
* Display * Indicator * Signage * Camera
Maximum Ratings Parameter Reverse voltage Forward current Pulse forward current Power dissipation Storage temperature Soldering Temperature
*2. Soldering time 5 Sec
*2 *1
[ Ta=25C ]
Symbol VR IF IFP PD Topr. Tstg. Tsol.
Ratings 5 30 0.5 105 -30 ~ +85 -40 ~ +100 260
Unit V mA A mW C C C
Operating temperature
*1. IFP Measured under duty 1/10 @ 1KHz Keep the distance more than 3mm from soldering foundation.
Electro-Optical Characteristics Parameter Forward voltage Reverse current Luminous Intensity Peak emission wavelength Doninant Wave Length Spectral half bandwidth Half angle
[ Ta=25C ]
Symbol VF IR Iv P d 21/2
Conditions IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA
Min 15 520 -
Typ 3.2 20 520 15 8
Max 3.5 50 530 -
Unit V uA cd nm nm nm deg.
1/2
Light Emitting Diode(InGaN)
KLB-520 G
Forward current vs. Ambient temperature
50 40 30 20 10 0
Relative intensity
Radiant Intensity vs. Forward current
2.0
Forward current IF[mA]
1.0
0.5
0
20
40
60
80
100
0
0
1
3
5 10 15 20 25 30
Ambient temperature Ta []
Forward current IF[mA]
Relative radiant intensity vs. Ambient temperature
Relative radiant intensity PO
Relative intensity vs. Wavelength
1.2 1
10
Intensity [arb.]
0 20 40 60 80 100
Ambient temperature Ta []
0.8 0.6 0.4 0.2
1
0.1
-20
0 400 450 500 550 600 650 Wave Length[nm]
Forward current vs. Forward voltage
40 35 30 25 20 15 10 5 0 0
Radiant Pattern
Angle(deg)
Forward current IF[mA]
+4
+60
0
+20
0
-20
-4 0
-6 0
50
-80 -100
+ 80
+1 00
0
100
50
50
1.0 2.0 2.5 3.0 3.5 4.0
Forward voltage VF[V]
100
Relative intensity(%)
2/2


▲Up To Search▲   

 
Price & Availability of KLB-520G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X