Part Number Hot Search : 
TDA84 TS3704I MV5E164 AMA2805D 48507 TOP242R BU4219G EMK12G
Product Description
Full Text Search
 

To Download KD134101151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power entry modules without line filter www.schurter.com/pg05 IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD
Standard or Medical Fuse drawer
C14
70 C -PanelMount: Screw-onversionfromfrontorrearside,snap-inversionfromfront side -4Functions: ApplianceInletProtectionclassI,LineSwitch1-or2-pole,FuseholderwithinterchangeablefusedrawerforFuse-links5x20mmor 6.3x32mm,withorwithoutvoltageselector(step) -Quickconnectterminals4.8x0.8mm -Alternative:versionwithlinefilterCD
Description
Characteristics
-Allsingleelementsarealreadywired -Thefusedrawer"Fingergrip"canberemovedbyhand Foraddedsafety"Extra-Safe"fusedrawersareavailable FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1 Thefusedrawercanonlybeopenedwiththeaidofatool Thefuseholderisaccessiblefromtheequipmentfront -QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
Approvals
-VDELicenseNumber:40011925 -ULLicenseNumber:E93617 -CSALicenseNumber:38456
-Lineswitch,illuminated -Lineswitchwithotherrockermarking -Lineswitch1-pole -ForprotectionclassII
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC RatingsUL/CSA DielectricStrength 10A/250VAC;50Hz 10A/125VAC;60Hz >3kVACbetweenL-N >4kVACbetweenL/N-PE (1min/50Hz) -25Cto70C fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 Quickconnectterminals4.8x0.8mm ,tin-plated Screw:max8mm Mountingscrewtorquemax0.5Nm Snap-in:1.5/2/2.5mm Thermoplastic,black,UL94V-0 ApplianceInlet C14acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,10A, ProtectionClass1 1or2pole,ShocksafecategoryPC2 acc.toIEC60127-6, forfuse-links5x20or6.3x32mm 5x20:2.5W(1pole)/2W(2-pole)per pole 6.3x32:3.15W(1pole)/2.5W(2-pole) perpole Admissiblepoweracceptanceathigherambienttemperatureseederating curves Rockerswitch2-pole,non-illuminated, acc.toIEC61058-1 Technicaldetails optional,step,2-4digits
Fuseholder
AllowableOperationTemp. DegreeofProtection ProtectionClass Terminal PanelThicknesss
RatedPowerAcceptance@ Ta23C
PowerAcceptance@Ta> 23C LineSwitch
Material:Housing
VoltageSelectors
Connectors
KD
www.schurter.com/pg05 Dimensions Screw on PCB mounting
30 R6 o 3.2 R 4.5 4.8x0.8 55
Power entry modules without line filter
Snap-in mounting
30 R 4.5 o 6.3x90 4.8x0.8
83.5mm
M3/o 3.6
55 S 0.1
230
75.5 0.15
83.5 75.5
+0.2
230
66.5 0
R 3 -0.2 18 27.5 2 2.2
+0.2 27.5 0
0
66.5 0
66.2
66.2
69
+0.2
R 3 -0.2 18 27.5 2 2.2 27.5
+0.2 0
0
R 3.1 27.2
R 3.1 27.2
Diagrams without voltage selector
without voltage selector
with voltage selector
with voltage selector
1-pole
2-pole
1-pole
2-pole
Derating Curves Fuses 5 x 20 mm (1-pole)
2.5
Fuses 5 x 20 mm (2-pole, per pole)
2.0
Admissible power acceptance in Watt
2.0 1.5 1.0 0.5 0.0 0 20 40 60 80 100 I = 1.0 In I = 0.7 In I = < < In
Admissible power acceptance in Watt per pole
1.5 I = 1.0 In 1.0 I = 0.7 In I = < < In 0.5
0.0 0 20 40 60 80 100
Ambient air temperature Ta C
Ambient air temperature Ta C
Fuses 6.3 x 32 mm (1-pole)
3.15
Fuses 6.3 x 32 mm (2-pole, per pole)
2.5
Admissible power acceptance in Watt
Admissible power acceptance in Watt per pole
2.5 2.0 1.5 1.0 0.5 0.0
0 20 40 60 80 100
2.0 1.5 1.0 0.5 0.0 0 20 40 60 80 100 I = 1.0 In I = 0.7 In I = < < In
I = 1.0 In I = 0.7 In I = << In
Ambient air temperature Ta C
Ambient air temperature Ta C
Connectors
Power entry modules without line filter www.schurter.com/pg05
KD
Fuseholder 1-pole 1-pole 2-pole 2-pole 1-pole 1-pole 1-pole 1-pole 1-pole 1-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole Line Switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Rocker switch Voltage selector max. 4 pos* 2-4 digits without 2-4 digits without 2-4 digits 2-4 digits 2-4 digits without without without 2-4 digits 2-4 digits 2-4 digits without without without Order Number KD13.4101.151 KD13.1101.151 KD14.4101.151 KD14.1101.151 KD13.4101.105 KD13.4101.107 KD13.4101.109 KD13.1101.105 KD13.1101.107 KD13.1101.109 KD14.4101.105 KD14.4101.107 KD14.4101.109 KD14.1101.105 KD14.1101.107 KD14.1101.109
Fusedrawermustbeorderedseparately
Type KD KD KD KD KD KD KD KD KD KD KD KD KD KD KD KD Panel mounting Screw Screw Screw Screw Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Panel Thickness s [mm] 1.5 2 2.5 1.5 2 2.5 1.5 2 2.5 1.5 2 2.5
Canbeusedas2-/3-positionvoltageselector-takeonlycorrespondingterminals
Packaging unit Required Accessory
20Pcs
Description Fusedrawer 3 Fusedrawer for Fuse Links 5x20mm resp.. 6.3x32mm Fingergrip, 5 x 20, 2-pole, Voltage Selectors Fingergrip, 5 x 20, 2-pole, Voltage Selectors, 100, 120, 220, 240 Fingergrip, 5 x 20, 2-pole, Voltage Selectors, 110, 150, 220 Fingergrip, 5 x 20, 2-pole, Voltage Selectors, 110, 220 4303.2014.00 4303.2014.01 4303.2014.02 4303.2014.03 ...
Accessories
Assorted Covers Rear Cover 0859.0074
Cord retaining kits Cord retaining strain relief Flat head, A 4700.0001
Connectors
KD
www.schurter.com/pg05 Mating Outlets/Connectors
Category / Description
Power entry modules without line filter
Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet further types to KD Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to KD Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to KD 0311 3011 3012 3013 3020 ... 0101 0102 0102-G 0112 4012 ... 4787 4788 5091 5092
4
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of KD134101151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X