Part Number Hot Search : 
MAX970 C10H1 QRB1134 CGY2105 IM43JR 1A470M OPI153 BY179
Product Description
Full Text Search
 

To Download IRFY044C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91285D
POWER MOSFET THRU-HOLE (TO-257AA)
Product Summary
Part Number
IRFY044C IRFY044CM
IRFY044C,IRFY044CM 60V, N-CHANNEL
HEXFET MOSFET TECHNOLOGY
(R)
RDS(on)
0.040 0.040
ID
16*A 16*A
Eyelets
Ceramic Ceramic
HEXFET(R) MOSFET technology is the key to International Rectifier's advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance. HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. The HEXFET transistor's totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance.
TO-257AA
Features:
n n n n n n
Simple Drive Requirements Ease of Paralleling Hermetically Sealed Electrically Isolated Ceramic Eyelets Ideally Suited For Space Level Applications
Absolute Maximum Ratings
Parameter
ID @ VGS = 10V, TC = 25C ID @ VGS = 10V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Lead Temperature Weight * Current is limited by pin diameter For footnotes refer to the last page 16* 16* 156 100 0.8 20 100 16* 10 4.5 -55 to 150 300(0.063in./1.6mm from case for 10 sec) 4.3 (Typical)
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
www.irf.com
1
4/18/01
IRFY044C, IRFY044CM
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter
BVDSS Drain-to-Source Breakdown Voltage BV DSS/T J Temperature Coefficient of Breakdown Voltage RDS(on) Static Drain-to-Source On-State Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance IDSS Zero Gate Voltage Drain Current
Min
60 -- -- 2.0 17 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max Units
-- 0.68 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 6.8 -- -- 0.04 4.0 -- 25 250 100 -100 88 15 52 23 130 81 79 -- V V/C V S( ) A
Test Conditions
VGS = 0V, ID = 1.0mA Reference to 25C, ID = 1.0mA VGS = 10V, ID = 16A VDS = VGS, ID = 250A VDS > 15V, IDS = 16A VDS= 48V ,VGS=0V VDS = 48V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VGS =10V, ID = 16A VDS = 30V VDD = 30V, ID = 16A, RG = 9.1
IGSS IGSS Qg Q gs Q gd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA nC
ns
nH
Measured from drain lead (6mm/0.25in. from package) to source lead (6mm/0.25in. from package)
Ciss C oss C rss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
2400 1100 230
-- -- --
pF
VGS = 0V, VDS = 25V f = 1.0MHz
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- 16* 156 2.5 220 1.6 A V nS C
Test Conditions
Tj = 25C, IS = 16A, VGS = 0V Tj = 25C, IF = 16A, di/dt 100A/s VDD 50V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
* Current is limited by pin diameter
Thermal Resistance
Parameter
RthJC RthCS RthJA Junction-to-Case Case-to-sink Junction-to-Ambient
Min Typ Max Units
-- -- -- -- 1.25 0.21 -- -- 80
C/W
Test Conditions
Typical socket mount
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
IRFY044C, IRFY044CM
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
16A
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFY044C, IRFY044CM
16A
3
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFY044C, IRFY044CM
V DS VGS RG
RD
D.U.T.
+
-V DD
10V
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
VDS 90%
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFY044C, IRFY044CM
15V
VDS
L
D R IV E R
RG
20V 1
D .U .T.
IA S tp
+ - VD D
A
0 .01
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D S S tp
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V 0
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFY044C, IRFY044CM
Foot Notes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = 25V, starting TJ = 25C, L= 0.78mH Peak IL = 16A, VGS = 10V
ISD 16A, di/dt 100A/s, Pulse width 300 s; Duty Cycle 2%
VDD 60V, TJ 150C
Case Outline and Dimensions -- TO-257AA
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 04/01
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRFY044C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X