|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD -97136A IRFB4127PBF HEXFET(R) Power MOSFET Applications l High Efficiency Synchronous Rectification in SMPS l Uninterruptible Power Supply l High Speed Power Switching l Hard Switched and High Frequency Circuits Benefits l Improved Gate, Avalanche and Dynamic dV/dt Ruggedness l Fully Characterized Capacitance and Avalanche SOA l Enhanced body diode dV/dt and dI/dt Capability l Lead-Free D G S VDSS RDS(on) typ. max. ID 200V 17m: 20m: 76A G D S TO-220AB G D S Gate Drain Source Absolute Maximum Ratings Symbol ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG Parameter Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current c Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery e Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case) Mounting torque, 6-32 or M3 screw Max. 76 54 300 375 2.5 20 57 -55 to + 175 300 10lbxin (1.1Nxm) 250 See Fig. 14, 15, 22a, 22b, Units A W W/C V V/ns C Avalanche Characteristics EAS (Thermally limited) IAR EAR Single Pulse Avalanche Energy d Avalanche Current c Repetitive Avalanche Energy f mJ A mJ Thermal Resistance Symbol RJC RCS RJA Parameter Junction-to-Case j Case-to-Sink, Flat Greased Surface Junction-to-Ambient ij Typ. --- 0.50 --- Max. 0.4 --- 62 Units C/W www.irf.com 1 8/28/08 IRFB4127PBF Static @ TJ = 25C (unless otherwise specified) Symbol V(BR)DSS V(BR)DSS/TJ RDS(on) VGS(th) IDSS IGSS RG(int) Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Internal Gate Resistance Min. Typ. Max. Units 200 --- --- 3.0 --- --- --- --- --- Conditions --- 0.23 17 --- --- --- --- --- 3.0 --- --- 20 5.0 20 250 100 -100 --- V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 5mAc m VGS = 10V, ID = 44A f V VDS = VGS, ID = 250A A VDS = 200V, VGS = 0V VDS = 200V, VGS = 0V, TJ = 125C nA VGS = 20V VGS = -20V Dynamic @ TJ = 25C (unless otherwise specified) Symbol gfs Qg Qgs Qgd Qsync td(on) tr td(off) tf Ciss Coss Crss Coss eff. (ER) Coss eff. (TR) Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Total Gate Charge Sync. (Qg - Qgd) Min. Typ. Max. Units --- 100 30 31 69 17 18 56 22 5380 410 86 360 590 --- 150 --- --- --- --- --- --- --- --- --- --- --- --- S nC Conditions VDS = 50V, ID = 44A ID = 44A VDS = 100V VGS = 10V f ID = 44A, VDS =0V, VGS = 10V VDD = 130V ID = 44A RG = 2.7 VGS = 10V f VGS = 0V VDS = 50V = 1.0MHz VGS = 0V, VDS = 0V to 160V h VGS = 0V, VDS = 0V to 160V g 79 --- --- --- --- Turn-On Delay Time --- Rise Time --- Turn-Off Delay Time --- Fall Time --- Input Capacitance --- Output Capacitance --- Reverse Transfer Capacitance --- Effective Output Capacitance (Energy Related)h --- --- Effective Output Capacitance (Time Related)g ns pF Diode Characteristics Symbol IS ISM VSD trr Qrr IRRM ton Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) c Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Forward Turn-On Time Min. Typ. Max. Units --- --- --- --- 76 300 A Conditions MOSFET symbol showing the integral reverse G S D --- --- 1.3 V --- 136 --- ns --- 139 --- --- 458 --- nC TJ = 125C --- 688 --- --- 8.3 --- A TJ = 25C Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) p-n junction diode. TJ = 25C, IS = 44A, VGS = 0V f TJ = 25C VR = 100V, IF = 44A TJ = 125C di/dt = 100A/s f TJ = 25C Notes: Repetitive rating; pulse width limited by max. junction temperature. Limited by TJmax, starting TJ = 25C, L = 0.26mH RG = 25, IAS = 44A, VGS =10V. Part not recommended for use above this value . ISD 44A, di/dt 760A/s, VDD V(BR)DSS, TJ 175C. Pulse width 400s; duty cycle 2%. Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS. Coss eff. (ER) is a fixed capacitance that gives the same energy as When mounted on 1" square PCB (FR-4 or G-10 Material). For recom R is measured at TJ approximately 90C Coss while VDS is rising from 0 to 80% VDSS. mended footprint and soldering techniques refer to application note #AN-994. 2 www.irf.com IRFB4127PBF 1000 TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V 1000 TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V ID, Drain-to-Source Current (A) 100 ID, Drain-to-Source Current (A) 100 BOTTOM 10 BOTTOM 10 1 4.5V 1 0.1 4.5V 0.01 0.1 1 60s PULSE WIDTH Tj = 25C 10 100 60s PULSE WIDTH Tj = 175C 0.1 0.1 1 10 100 VDS , Drain-to-Source Voltage (V) VDS , Drain-to-Source Voltage (V) Fig 1. Typical Output Characteristics 1000 3.5 Fig 2. Typical Output Characteristics RDS(on) , Drain-to-Source On Resistance VDS = 50V ID, Drain-to-Source Current() 100 ID = 44A 3.0 60s PULSE WIDTH VGS = 10V 10 (Normalized) TJ = 175C 2.5 2.0 TJ = 25C 1 1.5 1.0 0.1 3.0 4.0 5.0 6.0 7.0 8.0 0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 VGS, Gate-to-Source Voltage (V) TJ , Junction Temperature (C) Fig 3. Typical Transfer Characteristics 8000 VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds + Cgd Fig 4. Normalized On-Resistance vs. Temperature 16 VGS, Gate-to-Source Voltage (V) ID= 44A 12 VDS = 160V VDS = 100V VDS = 40V 6000 C, Capacitance (pF) Ciss 4000 8 2000 Coss 0 1 Crss 10 VDS , Drain-to-Source Voltage (V) 100 4 0 0 20 40 60 80 100 120 QG Total Gate Charge (nC) Fig 5. Typical Capacitance vs. Drain-to-Source Voltage Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage www.irf.com 3 IRFB4127PBF 1000 1000 ID, Drain-to-Source Current (A) OPERATION IN THIS AREA LIMITED BY R DS (on) 100sec ISD , Reverse Drain Current (A) 100 TJ = 175C 100 1msec 10 10msec 1 Tc = 25C Tj = 175C Single Pulse 0.1 1 10 10 TJ = 25C 1 VGS = 0V 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 DC 100 1000 VSD, Source-to-Drain Voltage (V) VDS , Drain-toSource Voltage (V) V(BR)DSS, Drain-to-Source Breakdown Voltage (V) Fig 7. Typical Source-Drain Diode Forward Voltage 80 Fig 8. Maximum Safe Operating Area 260 Id = 5mA ID , Drain Current (A) 60 240 40 220 20 200 0 25 50 75 100 125 150 175 180 -60 -40 -20 0 20 40 60 80 100120140160180 TJ , Temperature ( C ) TC , CaseTemperature (C) Fig 9. Maximum Drain Current vs. Case Temperature 8.0 Fig 10. Drain-to-Source Breakdown Voltage 1000 EAS, Single Pulse Avalanche Energy (mJ) 800 6.0 ID 8.2A 13A BOTTOM 44A TOP Energy (J) 600 4.0 400 2.0 200 0.0 0 40 80 120 160 200 0 25 50 75 100 125 150 175 VDS, Drain-to-Source Voltage (V) Starting TJ, Junction Temperature (C) Fig 11. Typical COSS Stored Energy Fig 12. Maximum Avalanche Energy Vs. DrainCurrent 4 www.irf.com IRFB4127PBF 1 Thermal Response ( Z thJC ) D = 0.50 0.1 0.20 0.10 0.05 J J 1 R1 R1 2 R2 R2 R3 R3 3 R4 R4 C 1 2 3 4 4 0.01 0.02 0.01 SINGLE PULSE ( THERMAL RESPONSE ) Ci= i/Ri Ci i/Ri Ri (C/W) 0.02 0.083333 0.181667 0.113333 (sec) 0.000019 0.000078 0.001716 0.008764 Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc 0.0001 0.001 0.01 0.1 0.001 1E-006 1E-005 t1 , Rectangular Pulse Duration (sec) Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case 100 Duty Cycle = Single Pulse 0.01 10 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming Tj = 150C and Tstart =25C (Single Pulse) Avalanche Current (A) 0.05 0.10 1 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming j = 25C and Tstart = 150C. 0.1 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 tav (sec) Fig 14. Typical Avalanche Current vs.Pulsewidth 250 EAR , Avalanche Energy (mJ) 200 TOP Single Pulse BOTTOM 1% Duty Cycle ID = 44A 150 100 50 Notes on Repetitive Avalanche Curves , Figures 14, 15: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 16a, 16b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 14, 15). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav) = Transient thermal resistance, see Figures 13) 175 0 25 50 75 100 125 150 Starting TJ , Junction Temperature (C) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav Fig 15. Maximum Avalanche Energy vs. Temperature www.irf.com 5 IRFB4127PBF 6.0 50 VGS(th) Gate threshold Voltage (V) ID = 1.0A 5.0 ID = 1.0mA ID = 250A 40 3.0 IRRM - (A) 4.0 30 20 IF = 29A VR = 100V TJ = 125C TJ = 25C 100 200 300 400 500 600 700 800 900 1000 2.0 10 1.0 -75 -50 -25 0 25 50 75 100 125 150 175 0 TJ , Temperature ( C ) dif / dt - (A / s) Fig 16. Threshold Voltage Vs. Temperature 60 Fig. 17 - Typical Recovery Current vs. dif/dt 3000 50 2500 40 2000 30 QRR - (nC) IF = 44A VR = 100V TJ = 125C TJ = 25C 100 200 300 400 500 600 700 800 900 1000 IRRM - (A) 1500 20 1000 10 500 IF = 29A VR = 100V TJ = 125C TJ = 25C 100 200 300 400 500 600 700 800 900 1000 0 0 dif / dt - (A / s) dif / dt - (A / s) Fig. 18 - Typical Recovery Current vs. dif/dt 3000 Fig. 19 - Typical Stored Charge vs. dif/dt 2500 2000 QRR - (nC) 1500 1000 500 IF = 44A VR = 100V TJ = 125C TJ = 25C 100 200 300 400 500 600 700 800 900 1000 0 dif / dt - (A / s) 6 Fig. 20 - Typical Stored Charge vs. dif/dt www.irf.com IRFB4127PBF D.U.T Driver Gate Drive + P.W. Period D= P.W. Period VGS=10V + Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer * D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt - - + RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test VDD VDD + - Re-Applied Voltage Body Diode Forward Drop Inductor Curent Inductor Current Ripple 5% ISD * VGS = 5V for Logic Level Devices Fig 21. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs V(BR)DSS 15V tp DRIVER VDS L RG VGS 20V D.U.T IAS tp + V - DD A 0.01 I AS Fig 22a. Unclamped Inductive Test Circuit VDS VGS RG RD Fig 22b. Unclamped Inductive Waveforms VDS 90% D.U.T. + - VDD V10V GS Pulse Width 1 s Duty Factor 0.1 % 10% VGS td(on) tr t d(off) tf Fig 23a. Switching Time Test Circuit Current Regulator Same Type as D.U.T. Fig 23b. Switching Time Waveforms Id Vds Vgs 50K 12V .2F .3F D.U.T. VGS 3mA + V - DS Vgs(th) IG ID Current Sampling Resistors Qgs1 Qgs2 Qgd Qgodr www.irf.com Fig 24a. Gate Charge Test Circuit Fig 24b. Gate Charge Waveform 7 IRFB4127PBF Dimensions are shown in millimeters (inches) TO-220AB Package Outline TO-220AB Part Marking Information EXAMPLE: T HIS IS AN IRF1010 LOT CODE 1789 AS SEMBLED ON WW 19, 2000 IN T HE AS SEMBLY LINE "C" Note: "P" in as sembly line position indicates "Lead - Free" INT ERNAT IONAL RECT IFIER LOGO AS SEMBLY LOT CODE PART NUMBER DAT E CODE YEAR 0 = 2000 WEEK 19 LINE C TO-220AB packages are not recommended for Surface Mount Application. Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site. 8 IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 08/08 www.irf.com |
Price & Availability of IRFB4127PBF |