|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HER101S THRU HER108S Reverse Voltage - 50 to 1000 Volts A-405 HIGH EFFICIENCY RECTIFIERS Forward Current - 1.0 Ampere FEATURES 1.0 (25.4) MIN. 0.107(2.7) 0.080(2.0) DIA. 0.205(5.2) 0.166(4.2) The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 High speed switching for high efficiency Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension 1.0 (25.4) MIN. 0.025(0.65) 0.021(0.55) DIA. MECHANICAL DATA Case: JEDEC A-405 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.008 ounce, 0.23 grams Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. SYMBOLS HER HER HER HER HER HER 101S 102S 103S 104S 105S 106S HER 107S HER 108S UNITS VOLTS VOLTS VOLTS Amps Amps Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=50 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A TA=25 C Maximum DC reverse current at rated DC blocking voltage TA=100 C Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range VRRM VRMS VDC I(AV) IFSM VF IR trr CJ RJA TJ,TSTG 50 35 50 100 70 100 200 300 140 210 200 300 400 280 400 600 420 600 800 560 800 1000 700 1000 1.0 30.0 1.0 1.3 5.0 100.0 50 15.0 50.0 -65 to +150 70 12.0 1.70 Volts A ns pF C/W C Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 3.Thermal resistance from junction to ambient at 0.375" (9.5mm)lead length,P.C.B. mounted www.shunyegroup.com RATINGS AND CHARACTERISTIC CURVES HER101S THRU HER108S AVERAGE FORWARD RECTIFIED CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES FIG. 1- FORWARD CURRENT DERATING CURVE 1.0 FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 30 0.8 25 0.6 20 0.4 Single Phase Half Wave 60Hz Resistive or inductive Load 15 0.2 10 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 0 0 25 50 75 100 125 150 175 5.0 1 10 100 AMBIENT TEMPERATURE, C NUMBER OF CYCLES AT 60 Hz INSTANTANEOUS REVERSE CURRENT, MICROAMPERES FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG. 4-TYPICAL REVERSE CHARACTERISTICS 1,000 INSTANTANEOUS FORWARD CURRENT,AMPERES 20 10 TJ=25 C PULSE WIDTH=300 s 1%DUTY CYCLE 100 TJ=100 C 10 1 0.1 HER101S-HER103S HER104S-HER105S HER106S-HER108S 0.2 0.6 1.0 1.4 1.8 2.0 1 TJ=25 C 0.1 0.01 0.01 INSTANTANEOUS FORWARD VOLTAGE, VOLTS 0 20 40 60 80 100 PERCENT OF PEAK REVERSE VOLTAGE,% FIG. 5-TYPICAL JUNCTION CAPACITANCE TRANSIENT THERMAL IMPEDANCE, C/W FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE 100 JUNCTION CAPACITANCE, pF 200 100 TJ=25 C 10 10 1 HER101S-HER105S HER106S-HER108S 1 0.1 0.01 0.1 1 10 100 0.1 1.0 10 100 REVERSE VOLTAGE,VOLTS t,PULSE DURATION,sec. www.shunyegroup.com |
Price & Availability of HER105S |