Part Number Hot Search : 
101KT VA12L C5266A CS9248 2100A UF505G AT42Q SPX2870
Product Description
Full Text Search
 

To Download HER105S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101S - HER108S
1.0 AMP. High Efficient Rectifiers A-405
Features
High efficiency, Low VF High current capability High reliability High surge current capability For use in low voltage, high frequency inventor, free wheeling, and polarity protection application.
Mechanical Data
Cases: Molded plastic A-405 Epoxy: UL 94V0 rate flame retardant Lead: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: 260 oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.22gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length o @T A = 55 C Peak Forward Surge current, 8.3 ms Single Half sine-wave superimposed on rated Load(JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @T A =25 oC at Rated DC Blocking Voltage @ T A =125 oC Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance Typical Thermal Resistance Operating Temperature Range ( Note 2 )
Symbol HER V RRM V RMS V DC I(AV) IFSM VF IR Trr Cj R JA
TJ
HER HER HER HER HER HER HER 101S 102S 103S 104S 105S 106S 107S 108S
Units V V V A
50 35 50
100 200 300 400 600 800 1000 70 140 210 280 420 560 700 100 200 300 400 600 800 1000 1.0
30 1.0 1.3 5.0 150 50 20 100 -65 to +150 -65 to +150 75 15 1.7
A V uA uA nS pF o C/W o C o C
Storage Temperature Range T STG 1. Reverse Recovery Test Conditions: IF =0.5A, IR =1.0A, IRR =0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on PCB.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (HER101S THRU HER108S)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
2.0
FIG.2- TYPICAL REVERSE CHARACTERISTICS
1000
AVERAGE FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
100
Tj=100 0C
10 Tj=75 0C
0 0 25 50 75 100 125
O
150
175
AMBIENT TEMPERATURE. ( C)
1 Tj=25 0C
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
40
PEAK FORWARD SURGE CURRENT. (A)
35 30 25 20 15
0.1 0 8.3ms Single Half Sine Wave JEDEC Method 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
10 0 NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD CURRENT. (A)
1
2
5
10
20
50
100
10
FIG.4- TYPICAL JUNCTION CAPACITANCE
70 60 50 40 30
JUNCTION CAPACITANCE.(pF)
HE
R1
05
S
1
HE
HE
R1
01S
20
R10
~H
6S~
ER
HE
105
0.1
HER101S-HER104S
R10
S
8S
HER106S-HER108S
0.01
10 0
0.1
0.5
1
2
5
10
20
50
100 200
500 1000
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A DUT (-) PULSE GENERATOR (NOTE 2) OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
(+) 50Vdc (approx) (-)
NON INDUCTIVE
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of HER105S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X