Part Number Hot Search : 
M8050 MAX6337 FN4261 3EZ20D10 25VF0 004404 MLC241B IRG4BC
Product Description
Full Text Search
 

To Download GMBD4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GMBD4148
Description
1/1
The GMBD4148 is designed for high-speed switching application in hybrid thick-and thin-film circuits. The devices is manufactured by the silicon epitaxial planar process and packed in plastic surface mount package.
Package Dimensions
Style : Pin 1.Anode 2.NC 3.Cathode REF. A B C D E F Millimeter Min. Max. 2.70 3.10 2.40 2.80 1.40 1.60 0.35 0.50 0 0.10 0.45 0.55 REF. G H K J L M Millimeter Min. Max. 1.90 REF. 1.00 1.30 0.10 0.20 0.40 0.85 1.15 0C 10 C
Absolute Maximum Ratings at Ta = 25 :
Parameter Junction Temperature Storage Temperature Continuous Reverse Voltage Continuous Forward Current Peak Forward Surge Current Symbol Tj Tstg VR IF IFSM Ratings +150 -65~+150 70 200 500 Unit
V mA mA
Characteristics
Characteristic Forward Voltage Reverse Breakdown Reverse Current Total Capacitance Reverse Recovery Time
at Ta = 25 :
Symbol VF VR IR CT Trr Min. 100 Max. 1 5 4 4 Unit V V uA pF nS IF=10mA IR=100uA VR=75V VR=0V,F=1MHz IF=IR=10mA, RL=100 Measured at IR=1mA Test Conditions
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 FAX : 86-21-38950165


▲Up To Search▲   

 
Price & Availability of GMBD4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X