Part Number Hot Search : 
SMCJ58 TDA8751T HIN202 PN4119 B2268 MAX11136 ISP1105W 2N3980
Product Description
Full Text Search
 

To Download EP9733-350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
TAP DELAYS 5% or 2 nS TOTAL DELAYS 5% or 2 nS Part Number Pkg. A
EP9677-4 EP9677-6 EP9677-8 EP9677-10 EP9677-12 EP9677-16 EP9677-20 EP9677-30 EP9677-35 EP9677-40 EP9677-45 EP9677-50 EP9677-60
Part Number Pkg. B
EP9733-4 EP9733-6 EP9733-8 EP9733-10 EP9733-12 EP9733-16 EP9733-20 EP9733-30 EP9733-35 EP9733-40 EP9733-45 EP9733-50 EP9733-60
TAP DELAYS 5% or 2 nS
TOTAL DELAYS 5% or 2 nS
Part Number Pkg. A
EP9677-75 EP9677-100 EP9677-125 EP9677-150 EP9677-175 EP9677-200 EP9677-250 EP9677-300 EP9677-350 EP9677-400 EP9677-450 EP9677-500
Part Number Pkg. B
EP9733-75 EP9733-100 EP9733-125 EP9733-150 EP9733-175 EP9733-200 EP9733-250 EP9733-300 EP9733-350 EP9733-400 EP9733-450 EP9733-500
1.0 1.5 2.0 2.5 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 12.0
0.5 0.5 1 1 1 1.5
*4 0.5 *6 0.5 *8 1.0 *10 *12 *16 *20 30 35 40 45 50 60
15 20 25 30 35 40 50 60 70 80 90 100
75 100 125 150 175 200 250 300 350 400 450 500
Whichever is greater. Delay times referenced from input to leading edges at 25C, 5.0V, with no load. *Delay times referenced from 1st tap 1st tap is the inherent delay: approx. 7 nS
DC Electrical Characteristics Parameter Test Conditions
VOH VOL VIK IIH VCC = min. VIL = max. I OH = max VCC = min. VIH = min. I OL= max VCC = min. II = IIK VCC = max. VIN = 2.7V VCC = max. VIN = 5.25V IIL Low-Level Input Current VCC = max. VIN = 0.5V IOS Short Circuit Output Current VCC = max. VOUT = 0. (One output at a time) I CCH High-Level Supply Current VCC = max. VIN = OPEN I CCL Low-Level Supply Current VCC = max. VIN = 0 TRO Output Rise Time Td 500 nS (0.75 to 2.4 Volts) NH Fanout High-Level Output VCC = max. VOH = 2.7V NL Fanout Low-Level Output VCC = max. VOL = 0.5V High-Level Output Voltage Low-Level Output Voltage Input Clamp Voltage High-Level Input Current
Schematic Min Max Unit
2.7 0.5 -1.2V 50 1.0 -2 -100 V V V A mA mA mA
1
VCC
3
4
5
6
7
OUTPUT
-40
INPUT 2
115 mA 115 mA 4 nS 20 TTL LOAD 10 TTL LOAD
8
GROUND
Recommended Operating Conditions
VCC VIH VIL IIK IOH IOL PW* d* TA Supply Voltage High-Level Input Voltage Low-Level Input Voltage Input Clamp Current High-Level Output Current Low-Level Output Current Pulse Width of Total Delay Duty Cycle Operating Free-Air Temperature
Package Dimensions Min
4.75 2.0
Max
5.25 0.8 -18 -1.0 20
Unit
V V V mA mA mA % % C
Pkg. A .820 Max. PCA EP9677-4 Date Code .015 Min. .150 Min. .190 Max
Pkg. B .190 . Max
40 0 40 +70
.300 Max.
*These two values are inter-dependent.
.010 Typ. C L
Input Pulse Test Conditions @ 25 C
EIN PW TRI PRR VCC
DSD9677
Unit
3.2 110 2.0 1.0 100 5.0 Volts % nS MHz KHz Volts
.020 Typ.
Pulse Input Voltage Pulse Width % of Total Delay Pulse Rise Time (0.75 - 2.4 Volts) Pulse Repetition Rate @ Td 200 nS Pulse Repetition Rate @ Td > 200 nS Supply Voltage
Rev. A 2/5/96
.100 Typ.
.010 Typ. .065 Typ.
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791 31


▲Up To Search▲   

 
Price & Availability of EP9733-350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X