Part Number Hot Search : 
68HC05 BP51L05 FIN1019 AKD5351 D3H060C0 UPC2758 CC721 FIN1019
Product Description
Full Text Search
 

To Download DRL-SIE-SWF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
1120275013 Active
DirectLinkTM SW1000 Software Drivers for Siemens S5, S7, TI - Full tags - Parallel Dongle Protection
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Comments Software and Development Kits 112027 SW1000 integrates a powerful Console for configuration, diagnostic with test tools, and data servers (OPC DA, SuiteLink/FastDDE, library DLL). Ethernet TCP/IP: . - Siemens - Industrial Ethernet . . Serial: . - Siemens - AS511, PPI/PPI+, TI-Dir Yes Yes Client / Server, Master Windows 7, Windows Server 2003, Windows Server 2008, Windows Vista, Windows XP Direct-Link(R) EtherNet TCP/IP, Serial N/A N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
DLL/API Available Engineering Console Functionality Operating System Product Name Protocol Source Code Specification Compliance
Search Parts in this Series 112027Series
Material Info
Old Part Number DRL-SIE-SWF-P
Reference - Drawing Numbers
Sales Drawing DRL-SIE-SWF-*
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Direct-LinkTM communication drivers provide data acquisition between Windows based applications and industrial devices connected to Ethernet TCP/IP and Serial networks.
21 Jan. 10 DW200594
Direct-LinkTM SW1000
Economical and Reliable Industrial Communications
Features
* Well suited for embedded and
light architecture (laptop, panel PC, MMI)
* Uses Standard PC resources
Ethernet port Serial port (COM1, COM2)
* 100% software solution * Data Servers:
OPC DA v3.0, 2.05 and 1.0a Wonderware DAServer Wonderware I/O (SuiteLink/FastDDE) ActiveX Control Library DLL
Overview
Direct-LinkTM SW1000 is a complete software package designed to connect your computer to Industrial Ethernet TCP/IP and Serial networks. Direct-LinkTM SW1000 is well adapted for embedded environments and it is used by operator interface manufacturers and OEM equipment manufacturers needing to make their computerized systems communicate. Direct-LinkTM SW1000 is ideally suited for small and medium-sized applications with low time constraints. It easily adapts to the light architectures of laptops, operator interfaces and workstations. Widely adopted in Industry, Direct-LinkTM solutions are used for technical management in the building sector, electrical installations, tests and measurement. To collect data, SW1000 uses existing computer resources (Ethernet port, COM ports) to connect a broad range of control and sensor devices from Allen-Bradley, Siemens, Schneider, and many others.
* Supports multi Ethernet TCP/IP
protocols simultaneously
* Protection
Software key Dongle (Parallel or USB)
* Database (32Kbits, 32 Kwords)
for Server mode to exchange data with applications
Supported OS
* Windows 32-bits
(2003 Server / XP SP2 / 2000 SP4 / NT 4.0 SP6)
Economical and easy-to-use, the SW1000 package is designed for Windows PC-Based applications (HMI, SCADA, MES, RDBM, custom developments, etc), which require reliable data exchange with plant floor. Available in Windows 2003 server, XP, 2000 and NT 4.0 environments, DirectLinkTM SW1000 integrates a powerful Console for configuration, diagnostic and test tools and data servers (OPC DA, DAServer, SuiteLink/FastDDE, ActiveX control, library DLL), that provide information for client applications.
Compatible with
Direct-LinkTM SW1000
Software tools
Direct-LinkTM products lie in effective software tools enabling fast integration of industrial communication into your applications.
Protocols (all included in the package) Ethernet TCP/IP - All protocols can run simultaneously * * * * * * * * * Serial * * * * * *
New Allen-Bradley - Logix5000 messaging for (ControlLogix and FlexLogix) Altus - Alnet II (AL2000 and WebGate Series) Alstom - SRTP (Alspa C80-35 and C80-75 Series) GE Fanuc - SRTP (90-30 and 90-70 Series) Mitsubishi - Melsec (A and Q Series) Omron - FINS (C, CV and CS Series) Schneider - Open Modbus TCP/UDP (Premium and Quantum Series) Schneider - Uni-TE (Micro and Premium) Siemens - Industrial Ethernet (S5, S7 and TI-505 Series)
C/S(1)(2) C/S C/S C/S C/S C/S C/S C/S C/S
- Configuration Software -
Modbus ASCII & RTU GE Fanuc - SNPX (90-xx and 80-xx Series) Schneider - Uni-Telway (TSX 7 Series) Siemens - AS511 (Simatic S5 Series) Siemens - PPI/PPI+ (Simatic S7-200 Series) Siemens - Ti-Dir (Simatic TI-505 Series) M: Master - S: Slave - M/S: Master/Slave - C/S: Client/Server - C: Client (1): Library DLL and DAServer are not supported with the Logix5000 messaging. (2): Server mode via PCCC messaging
M/S M S, C/S M M M
Ordering Information
Part Number
- OPC Browser DRL-ALL-SWL-P DRL-ALL-SWL-S DRL-ALL-SWL-U DRL-ALL-SWF-P DRL-ALL-SWF-S DRL-ALL-SWF-U DRL-SIE-SWF-P DRL-SIE-SWF-S DRL-SIE-SWF-U DRL-UPG-SWF
SAP
1120270004 (P) 1120270005 (S) 1120270006 (U) 1120270001 (P) 1120270002 (S) 1120270003 (U) 1120270013 (P) 1120270014 (S) 1120270015 (U) 1120270010
Product description
Direct-LinkTM SW1000 software package. All protocols and data servers included. Ethernet TCP/IP 1000 tags + Serial Full tags. Direct-LinkTM SW1000 software package. All protocols and data servers included. Ethernet TCP/IP Full tags + Serial Full tags. Direct-LinkTM SW1000 software package. Siemens protocols (S5, S7, TI) and data servers included. Ethernet TCP/IP Full tags + Serial Full tags. Direct-LinkTM SW1000 upgrade from 1000 tags to Full tags
(*): to order, replace X with the corresponding letter below.
Replace X
P S U
Type of protection
Dongle for parallel port (small format) Software Key Dongle for USB port (not supported on NT 4)
The performance of SW1000 depends on the operating system and the characteristics of your PC (processor, memory, etc). If in the future, your application requires increased performance, (R) it is very easy to migrate SW1000 to applicom solutions based on intelligent network interface cards (on-board processor managing industrial protocols, multi communication channels up to 32, embedded electrical interfaces RS232/RS422/RS485/Current loop). - Network Diagnostics & Test Tools Other related products: IP67/IP20 Ethernet switches, Intelligent Ethernet card and gateways, Ethernet I/O for control/command.
To contact us: www.woodhead.com North America: US: + 1 800 225 7724 - Canada: +1 519 725 5136 Europe: France: +33 2 32 96 04 20 - Germany: +49 7252 94 96 0- Italy: +39 010 59 30 77 - United Kingdom: +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 Brad is a registered trademark and BradCommunications and applicom are trademarks of Molex Incorporated. (c) 2008 Molex


▲Up To Search▲   

 
Price & Availability of DRL-SIE-SWF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X